Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMJ9100S1 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PMJ9100S1
Description  Media Tracking Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMJ9100S1 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PMJ9100S1 Datasheet HTML 1Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 2Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 3Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 4Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 5Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 6Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 7Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 8Page - Pixart Imaging Inc. PMJ9100S1 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PixArt Imaging Inc.
PMJ9100S1 Product Datasheet
Media Tracking Chip (MTC)
Version 1.00 |26 May 2017
P ixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.0
Signal Description
Figure 1. Pin Configuration
Table 1. PMJ9100S1 FFC Socket Signal Pins Description
Pin No.
Signal Name
Type
Description
Functional Group:
Power Supplies
2
VDDIO
Power
I/O reference voltage
9
VDD
Power
Input power supply
12
VLED
Power
Supply to LED anode
1
DGND
Ground
Digital ground
8
AGND
Ground
Analog ground
11
LED_GND
Ground
LED Ground
Functional Group:
Control Interface
3
SCLK
Input
Serial data clock
4
MISO
Output
Serial data output
5
MOSI
Input
Serial data input
6
NCS
Input
Chip select
Functional Group:
Functional I/O
7
NRST
Input
Hardware reset
10
MOTION
Output
Motion interrupt


Similar Part No. - PMJ9100S1

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PMJ1.5-05SC05-NG ETA-USA-PMJ1.5-05SC05-NG Datasheet
385Kb / 3P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
PMJ1.5-05SC12-NG ETA-USA-PMJ1.5-05SC12-NG Datasheet
385Kb / 3P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
PMJ1.5-05SC24-NG ETA-USA-PMJ1.5-05SC24-NG Datasheet
385Kb / 3P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
PMJ1.5-05SC48-NG ETA-USA-PMJ1.5-05SC48-NG Datasheet
385Kb / 3P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
PMJ1.5-05SCX-NG ETA-USA-PMJ1.5-05SCX-NG Datasheet
385Kb / 3P
   DC/DC SWITCHING POWER SUPPLY DC INPUT 5,12,24,48 SINGLE OUTPUT 1.5 WATTS
More results

Similar Description - PMJ9100S1

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3901MB-TXQT PIXART-PMW3901MB-TXQT Datasheet
1Mb / 11P
   Optical Motion Tracking Chip
PAT9125EL PIXART-PAT9125EL Datasheet
782Kb / 13P
   Optical Tracking Miniature Chip
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com