Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAH8002EP Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAH8002EP
Description  Low Power Optical Heart Rate Detection Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAH8002EP Datasheet HTML 5Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 6Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 7Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 8Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 9Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 10Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 11Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 12Page - Pixart Imaging Inc. PAH8002EP Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
2.3
Thermal Specifications
Table 4. Thermal Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Notes
Storage Temperature
TS
-25
-
125
°C
Lead-free Solder Temperature
TP
-
-
245
°C
Refer to Package Handling
Information document
2.4
DC Characteristics
Table 5. DC Electrical Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit Conditions
Peak Power Supply Current
IDDM_MAX
-
-
100
mA For VDDM
IDDAY_MAX
-
-
10
mA For VDDAY
Peak I/O Supply Current
IDDIO_MAX
-
-
1
mA For VDDIO
Output Supply Current
IDDD_MAX
-
-
80
mA For VDDD
Output Supply Current
IDDA28_MAX
-
-
20
mA For VDDA28
Power Consumption
Supply Current @ Sleep
IDDPD
-
25
75
uA
For chip only
Wakeup by read register
Inrush Current
IINRUSH
-
-
60
mA
With One Green LED
Supply Current @ HRD PPG
Double Injection Type
IDDHRD
-
1.2
-
mA
For chip only, not including LED
current, without I2C interface
I/O toggle
LED current
IDDLED
-
0.3
-
mA
20 report/sec, LED DAC = 50mA,
on yellow skin color
With Two Green LEDs
Supply Current @ HRD PPG
Double Injection Type
IDDHRD
-
1.7
-
mA
For chip only, not including LED
current, without I2C interface
I/O toggle
LED current
IDDLED
-
0.8
-
mA
20 report/sec, LED DAC = 50mA,
on yellow skin color
With Two Green LEDs
Supply Current @ HRD PPG
Printing Cover Type
IDDHRD
-
0.6
-
mA
For chip only, not including LED
current, without I2C interface
I/O toggle
LED current
IDDLED
-
1.2
mA
20 report/sec, LED DAC = 50mA,
on yellow skin color
With IR Touch Detection
Supply Current @ Touch
Detection mode
IDDtouch
45
uA
For chip only, not including LED
current, without I2C interface
I/O toggle
LED current at touch
IDDLED
-
5
-
uA
3.8 report/sec, LED DAC = 50mA,
on yellow skin color


Similar Part No. - PAH8002EP

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
   Optical Heart Rate Detection Sensor
More results

Similar Description - PAH8002EP

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAH8001EI-2G PIXART-PAH8001EI-2G Datasheet
1Mb / 5P
   Optical Heart Rate Detection Sensor
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
   Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
   Low Power Optical Heart Rate Monitor Chip
logo
Analog Devices
MAX86165 AD-MAX86165 Datasheet
229Kb / 2P
   Miniature Optical Heart Rate Module
19-101722; Rev 0; 06/23
logo
Rohm
BH1790GLC-EVK-001 ROHM-BH1790GLC-EVK-001 Datasheet
190Kb / 5P
   Optical Sensor for Heart Rate Monitor
BH1792GLC-EVK-001 ROHM-BH1792GLC-EVK-001 Datasheet
802Kb / 4P
   Optical Sensor for Heart Rate Monitor
BH1790GLC ROHM-BH1790GLC Datasheet
1Mb / 26P
   Optical Sensor for Heart Rate Monitor IC
BH1792GLC ROHM-BH1792GLC Datasheet
2Mb / 31P
   Optical Sensor for Heart Rate Monitor IC
logo
Silicon Laboratories
BLE112 SILABS-BLE112 Datasheet
737Kb / 34P
   Heart rate sensors
logo
Weltrend Semiconductor
WTD0007 WELTREND-WTD0007 Datasheet
97Kb / 5P
   HEART RATE SIGNAL DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com