Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD45N05-20L Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SUD45N05-20L
Description  N-Channel 50-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SUD45N05-20L Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUD45N05-20L
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70271
S-57247—Rev. E, 23-Mar-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ – Junction Temperature (_C)
VSD – Source-to-Drain Voltage (V)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
–50
–25
0
25
50
75
100
125
150
175
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 20 A
TJ = 25_C
TJ = 150_C
0
THERMAL RATINGS
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
200
10
0.1
0.1
1
10
100
Limited
by rDS(on)
1
100
TC = 25_C
Single Pulse
1 ms
10 ms
100 ms
dc, 1 s
100
ms
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
110
Maximum Drain Current vs. CaseTemperature
TC – Case Temperature (_C)
0
10
20
30
40
50
0
25
50
75
100
125
150
175
0.2
0.1
Duty Cycle = 0.5
30
0.02
0.05
Single Pulse


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn