Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATD250HVI Datasheet(PDF) 2 Page - Power Semiconductors

Part # ATD250HVI
Description  PHASE CONTROL MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ATD250HVI Datasheet(HTML) 2 Page - Power Semiconductors

  ATD250HVI Datasheet HTML 1Page - Power Semiconductors ATD250HVI Datasheet HTML 2Page - Power Semiconductors ATD250HVI Datasheet HTML 3Page - Power Semiconductors ATD250HVI Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ATD250HVI PHASE CONTROL MODULE
FINAL SPECIFICATION
apr 17 - ISSUE : 02
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
120°
90°
60°
30°
80
85
90
95
100
105
110
115
120
125
130
0
50
100
150
200
250
300
350
Tcase [°C]
IF(AV) [A]
DC
180°
120°
90°
60°
30°
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
PF(AV) [W]
IF(AV) [A]


Similar Part No. - ATD250HVI

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ATD25-12 PAIRUI-ATD25-12 Datasheet
671Kb / 4P
   AC-DC Converter
ATD25-15 PAIRUI-ATD25-15 Datasheet
671Kb / 4P
   AC-DC Converter
ATD25-24 PAIRUI-ATD25-24 Datasheet
671Kb / 4P
   AC-DC Converter
ATD25-5 PAIRUI-ATD25-5 Datasheet
671Kb / 4P
   AC-DC Converter
More results

Similar Description - ATD250HVI

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ATT605 POSEICO-ATT605 Datasheet
196Kb / 4P
   PHASE CONTROL MODULE
ATT405 POSEICO-ATT405 Datasheet
195Kb / 4P
   PHASE CONTROL MODULE
ADT250HVI POSEICO-ADT250HVI Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ADT571 POSEICO-ADT571 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ATT501 POSEICO-ATT501 Datasheet
176Kb / 4P
   PHASE CONTROL MODULE
ATT621 POSEICO-ATT621 Datasheet
175Kb / 4P
   PHASE CONTROL MODULE
ADT200HVI POSEICO-ADT200HVI Datasheet
166Kb / 4P
   PHASE CONTROL MODULE
ATD200HVI POSEICO-ATD200HVI Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ATD461 POSEICO-ATD461 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ATD571 POSEICO-ATD571 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ADT461 POSEICO-ADT461 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com