Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP35447 Datasheet(PDF) 6 Page - CUI INC

Part # CP35447
Description  PELTIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP35447 Datasheet(HTML) 6 Page - CUI INC

  CP35447 Datasheet HTML 1Page - CUI INC CP35447 Datasheet HTML 2Page - CUI INC CP35447 Datasheet HTML 3Page - CUI INC CP35447 Datasheet HTML 4Page - CUI INC CP35447 Datasheet HTML 5Page - CUI INC CP35447 Datasheet HTML 6Page - CUI INC CP35447 Datasheet HTML 7Page - CUI INC CP35447 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
date 12/01/2017
│ page 6 of 8
CUI Inc
│ SERIES: CP35 │ DESCRIPTION: PELTIER MODULE
3.5 A
2.8 A
2.1 A
1.4 A
0.7 A
3.5 A2.8 A
1.4 A
8.0
4.0
0
70
60
50
40
30
20
10
0
16
12
8.0
4.0
0
T=Th-Tc (°C)
2.1 A
0.7 A
CP35347 PERFORMANCE (Th=27°C)
3.5 A
2.8 A
2.1 A
1.4 A
0.7 A
3.5 A
2.8
A
2.1 A
1.4
A
0.7 A
8.0
4.0
0
70
60
50
40
30
20
10
0
16
12
8.0
4.0
0
T=Th-Tc (°C)
CP35347 PERFORMANCE (Th=50°C)
For more information, please visit the product page.


Similar Part No. - CP35447

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP35447 CUI-CP35447 Datasheet
714Kb / 8P
   PELTIER MODULE
More results

Similar Description - CP35447

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
   PELTIER MODULE
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
CP120 CUI-CP120 Datasheet
297Kb / 4P
   PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
   PELTIER MODULE
11/09/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
   PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
   PELTIER MODULE
08/05/2022
logo
CUI INC
CP20H CUI-CP20H_17 Datasheet
554Kb / 6P
   PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com