Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP50 Datasheet(PDF) 2 Page - CUI INC

Part # CP50
Description  PELTIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CP50 Datasheet(HTML) 2 Page - CUI INC

  CP50 Datasheet HTML 1Page - CUI INC CP50 Datasheet HTML 2Page - CUI INC CP50 Datasheet HTML 3Page - CUI INC CP50 Datasheet HTML 4Page - CUI INC CP50 Datasheet HTML 5Page - CUI INC CP50 Datasheet HTML 6Page - CUI INC CP50 Datasheet HTML 7Page - CUI INC CP50 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 12/01/2017
│ page 2 of 8
CUI Inc
│ SERIES: CP50 │ DESCRIPTION: PELTIER MODULE
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
internal resistance1
CP50141
CP50241
CP50301541
CP50341
CP50441
0.279
0.504
0.567
1.161
2.07
0.31
0.56
0.63
1.29
2.3
0.341
0.616
0.693
1.419
2.53
Ω
Ω
Ω
Ω
Ω
solder melting temperature
connection between thermoelectric pairs
CP50341, CP50441
all other models
235
138
°C
°C
assembly compression
1
MPa
hot side plate
80
°C
RoHS
2011/65/EU
Note:
1. Measured by AC 4-terminal method at 25°C
MECHANICAL DRAWING
units: mm
COLD SIDE
HOT SIDE
0.05
0.05
THICKNESS
COLD SIDE
Black (-)
Red (+)
WIDTH
LENGTH
100.0 5.0
7 3.0
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
20 AWG
tin
sealer
silicon rubber 703 RTV (between cold
and hot side plates)
joint cover
silicon rubber 703 RTV
marking
P/N & S/N printed on cold side
surface
MODEL NO.
LENGTH
(mm)
WIDTH
(mm)
THICKNESS
(mm)
CP50141
15 ±0.3
15 ±0.3
4.05 ±0.1
CP50241
20 ±0.3
20 ±0.3
4.05 ±0.1
CP50301541
30 ±0.3
15 ±0.3
4.05 ±0.1
CP503412
30 ±0.3
30 ±0.3
4.0 ±0.1
CP504412
40 ±0.3
40 ±0.3
4.0 ±0.1
Notes:
2. Wire lead strip length on models CP50341 & CP50441 is 10 ±3.0 mm.
For more information, please visit the product page.


Similar Part No. - CP50

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP50 CUI-CP50 Datasheet
691Kb / 8P
   PELTIER MODULE
CP50-2 CUI-CP50-2 Datasheet
329Kb / 4P
   PELTIER MODULE
logo
Teledyne Technologies I...
CP500 TELEDYNE-CP500 Datasheet
3Mb / 16P
   High Definition Oscilloscopes
logo
Continental Device Indi...
CP500 CDIL-CP500 Datasheet
220Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Teledyne Technologies I...
CP500 TELEDYNE-CP500 Datasheet
847Kb / 4P
   Current Probes
More results

Similar Description - CP50

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP85H CUI-CP85H_17 Datasheet
625Kb / 7P
   PELTIER MODULE
CP40 CUI-CP40 Datasheet
775Kb / 11P
   PELTIER MODULE
CP20351 CUI-CP20351 Datasheet
144Kb / 3P
   PELTIER MODULE
CP40 CUI-CP40_V01 Datasheet
1Mb / 15P
   PELTIER MODULE
11/17/2020
CP30H CUI-CP30H_V01 Datasheet
1Mb / 9P
   PELTIER MODULE
10/18/2019
CP120 CUI-CP120 Datasheet
297Kb / 4P
   PELTIER MODULE
CP20H CUI-CP20H_V01 Datasheet
954Kb / 8P
   PELTIER MODULE
11/09/2020
logo
CUI Devices
CP30H CUID-CP30H Datasheet
1Mb / 9P
   PELTIER MODULE
08/05/2022
CP60H CUID-CP60H Datasheet
2Mb / 22P
   PELTIER MODULE
08/05/2022
logo
CUI INC
CP20H CUI-CP20H_17 Datasheet
554Kb / 6P
   PELTIER MODULE
CP35 CUI-CP35 Datasheet
714Kb / 8P
   PELTIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com