Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-6015V-239-292 Datasheet(PDF) 11 Page - CUI INC

Part # CFM-6015V-239-292
Description  DC AXIAL FAN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-6015V-239-292 Datasheet(HTML) 11 Page - CUI INC

Back Button CFM-6015V-239-292 Datasheet HTML 7Page - CUI INC CFM-6015V-239-292 Datasheet HTML 8Page - CUI INC CFM-6015V-239-292 Datasheet HTML 9Page - CUI INC CFM-6015V-239-292 Datasheet HTML 10Page - CUI INC CFM-6015V-239-292 Datasheet HTML 11Page - CUI INC CFM-6015V-239-292 Datasheet HTML 12Page - CUI INC CFM-6015V-239-292 Datasheet HTML 13Page - CUI INC CFM-6015V-239-292 Datasheet HTML 14Page - CUI INC CFM-6015V-239-292 Datasheet HTML 15Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
cui.com
date 12/11/2017
│ page 11 of 15
CUI Inc
│ SERIES: CFM-60V │ DESCRIPTION: DC AXIAL FAN
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor
4 pole DC brushless
bearing system
omniCOOLTM
direction of rotation
counter-clockwise viewed from front of fan blade
dimensions
CFM-6010V models: 60 x 60 x 10
CFM-6015V models: 60 x 60 x 15
CFM-6020V models: 60 x 60 x 20
CFM-6025V models: 60 x 60 x 25
mm
mm
mm
mm
material
PBT (UL94V-0)
weight
CFM-6010V models
CFM-6015V models
CFM-6020V models
CFM-6025V models
23
35.5
50
45
g
g
g
g
MECHANICAL DRAWINGS
CFM-6010V
CFM-6015V
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
White1
RD Signal
Yellow1
Tach Signal
MOUNTING SCREW (Pan Head)
Screw Type
Size
Standard
Torque
Machine Screw
M4
JIS B1111-1974 3~4 kgf-cm
Self-tapping Screw
M5
JIS B1122 Type 2 5~6 kgf-cm
units: mm
wire: UL 1007, 26 AWG
WIRE CONNECTIONS
Wire Color
Function
Red
+Vin
Black
-Vin
White1
RD Signal
Yellow1
Tach Signal
Notes:
1. Wires only present on versions with output signals.
For more information, please visit the product page.


Similar Part No. - CFM-6015V-239-292

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-6015V-239-292 CUID-CFM-6015V-239-292 Datasheet
1Mb / 15P
   DC AXIAL FAN
09/29/2022
More results

Similar Description - CFM-6015V-239-292

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com