Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-6015V-154-362 Datasheet(PDF) 1 Page - CUI INC

Part # CFM-6015V-154-362
Description  DC AXIAL FAN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-6015V-154-362 Datasheet(HTML) 1 Page - CUI INC

  CFM-6015V-154-362 Datasheet HTML 1Page - CUI INC CFM-6015V-154-362 Datasheet HTML 2Page - CUI INC CFM-6015V-154-362 Datasheet HTML 3Page - CUI INC CFM-6015V-154-362 Datasheet HTML 4Page - CUI INC CFM-6015V-154-362 Datasheet HTML 5Page - CUI INC CFM-6015V-154-362 Datasheet HTML 6Page - CUI INC CFM-6015V-154-362 Datasheet HTML 7Page - CUI INC CFM-6015V-154-362 Datasheet HTML 8Page - CUI INC CFM-6015V-154-362 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
cui.com
date 12/11/2017
page 1 of 15
SERIES: CFM-60V
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• omniCOOLTM bearing system
• 60 x 60 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-6010V-130-205
12
6~13.8
56
0.68
3000
12.2
0.08
20.5
CFM-6010V-135-250
12
4.5~13.8
87
1.05
3500
14.3
0.10
25.0
CFM-6010V-140-285
12
4.5~13.8
125
1.50
4000
16.3
0.12
28.5
CFM-6015V-122-145
12
4.5~13.8
29
0.35
2200
12.7
0.04
14.5
CFM-6015V-130-213
12
4.5~13.8
58
0.70
3000
17.6
0.12
21.3
CFM-6015V-139-292
12
4.5~13.8
79
0.95
3900
22.8
0.14
29.2
CFM-6015V-147-342
12
4.5~13.8
147
1.77
4700
26.4
0.18
34.2
CFM-6015V-154-362
12
4.5~13.8
213
2.56
5400
30.4
0.22
36.2
CFM-6015V-239-292
24
8~27.6
48
1.16
3900
22.8
0.14
29.2
CFM-6015V-247-342
24
8~27.6
87
2.09
4700
26.4
0.18
34.2
CFM-6015V-254-362
24
8~27.6
98
2.36
5400
30.4
0.22
36.2
CFM-6020V-131-210
12
4.5~13.8
48
0.58
3100
16.5
0.10
21.0
CFM-6020V-142-280
12
4.5~13.8
75
0.90
4200
19.0
0.16
28.0
CFM-6020V-150-335
12
4.5~13.8
115
1.38
5000
23.0
0.21
33.5
CFM-6020V-157-390
12
4.5~13.8
164
1.97
5700
25.5
0.27
39.0
CFM-6020V-230-230
24
8~27.6
29
0.70
3100
16.5
0.10
21.0
CFM-6020V-237-280
24
8~27.6
42
1.01
4200
19.0
0.16
28.0
CFM-6020V-245-335
24
8~27.6
87
2.09
5700
25.5
0.27
39.0
CFM-6025V-125-107
12
4.5~13.8
26
0.32
2500
13.8
0.06
10.7
CFM-6025V-131-167
12
4.5~13.8
53
0.64
3100
16.0
0.10
16.7
CFM-6025V-138-220
12
4.5~13.8
83
1.00
3800
19.3
0.15
22.0
CFM-6025V-145-270
12
4.5~13.8
87
1.05
4500
23.5
0.21
27.0
CFM-6025V-152-312
12
4.5~13.8
150
1.80
5200
27.0
0.31
31.2
CFM-6025V-231-167
24
8~27.6
28
0.68
3100
16.0
0.10
16.7
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
For more information, please visit the product page.


Similar Part No. - CFM-6015V-154-362

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-6015V-154-362 CUID-CFM-6015V-154-362 Datasheet
1Mb / 15P
   DC AXIAL FAN
09/29/2022
More results

Similar Description - CFM-6015V-154-362

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com