Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-8015V-227-320 Datasheet(PDF) 1 Page - CUI INC

Part # CFM-8015V-227-320
Description  DC AXIAL FAN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-8015V-227-320 Datasheet(HTML) 1 Page - CUI INC

  CFM-8015V-227-320 Datasheet HTML 1Page - CUI INC CFM-8015V-227-320 Datasheet HTML 2Page - CUI INC CFM-8015V-227-320 Datasheet HTML 3Page - CUI INC CFM-8015V-227-320 Datasheet HTML 4Page - CUI INC CFM-8015V-227-320 Datasheet HTML 5Page - CUI INC CFM-8015V-227-320 Datasheet HTML 6Page - CUI INC CFM-8015V-227-320 Datasheet HTML 7Page - CUI INC CFM-8015V-227-320 Datasheet HTML 8Page - CUI INC CFM-8015V-227-320 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
cui.com
date 07/26/2017
page 1 of 16
SERIES: CFM-80V
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• omniCOOLTM bearing system
• 80 x 80 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-8015V-124-308
12
4.5~13.8
104
1.25
2400
30.0
0.09
30.8
CFM-8015V-127-320
12
4.5~13.8
149
1.79
2700
33.6
0.11
32.0
CFM-8015V-130-347
12
4.5~13.8
188
2.26
3000
37.0
0.14
34.7
CFM-8015V-224-308
24
8~27.6
65
1.56
2400
30.0
0.09
30.8
CFM-8015V-227-320
24
8~27.6
75
1.80
2700
33.6
0.11
32.0
CFM-8015V-230-347
24
8~27.6
106
2.55
3000
37.0
0.14
34.7
CFM-8020V-126-300
12
6~13.8
86
1.04
2600
29.0
0.12
30.0
CFM-8020V-130-350
12
6~13.8
110
1.32
3000
33.0
0.16
35.0
CFM-8020V-133-380
12
6~13.8
150
1.80
3300
36.0
0.18
38.0
CFM-8020V-139-430
12
6~13.8
225
2.70
3900
45.0
0.26
43.0
CFM-8020V-142-450
12
6~13.8
265
3.18
4200
49.0
0.31
45.0
CFM-8020V-146-480
12
6~12.6
328
3.94
4600
53.0
0.36
48.0
CFM-8020V-226-300
24
8~27.6
49
1.18
2600
29.0
0.12
30.0
CFM-8020V-230-350
24
8~27.6
59
1.42
3000
33.0
0.16
35.0
CFM-8020V-233-380
24
8~27.6
74
1.78
3300
36.0
0.18
38.0
CFM-8025V-120-204
12
4.5~13.8
48
0.58
2000
23.9
0.07
20.4
CFM-8025V-126-280
12
4.5~13.8
75
0.90
2600
33.0
0.11
28.0
CFM-8025V-129-300
12
4.5~13.8
106
1.28
2900
37.0
0.15
30.0
CFM-8025V-132-330
12
4.5~13.8
138
1.66
3200
41.0
0.18
33.0
CFM-8025V-142-415
12
6~13.8
230
2.76
4200
53.0
0.30
41.5
CFM-8025V-145-431
12
6~13.8
276
3.32
4500
57.0
0.35
43.1
CFM-8025V-148-447
12
6~13.8
357
4.29
4800
60.0
0.41
44.7
CFM-8025V-226-280
24
8~27.6
48
1.16
2600
33.0
0.11
28.0
CFM-8025V-229-300
24
8~27.6
58
1.40
2900
37.0
0.15
30.0
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
For more information, please visit the product page.


Similar Part No. - CFM-8015V-227-320

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-8015V-227-320 CUI-CFM-8015V-227-320 Datasheet
1Mb / 16P
   DC AXIAL FAN
logo
CUI Devices
CFM-8015V-227-320 CUID-CFM-8015V-227-320 Datasheet
1Mb / 16P
   DC AXIAL FAN
08/31/2022
More results

Similar Description - CFM-8015V-227-320

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com