Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-4020V-270-255 Datasheet(PDF) 3 Page - CUI INC

Part # CFM-4020V-270-255
Description  DC AXIAL FAN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-4020V-270-255 Datasheet(HTML) 3 Page - CUI INC

  CFM-4020V-270-255 Datasheet HTML 1Page - CUI INC CFM-4020V-270-255 Datasheet HTML 2Page - CUI INC CFM-4020V-270-255 Datasheet HTML 3Page - CUI INC CFM-4020V-270-255 Datasheet HTML 4Page - CUI INC CFM-4020V-270-255 Datasheet HTML 5Page - CUI INC CFM-4020V-270-255 Datasheet HTML 6Page - CUI INC CFM-4020V-270-255 Datasheet HTML 7Page - CUI INC CFM-4020V-270-255 Datasheet HTML 8Page - CUI INC CFM-4020V-270-255 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
cui.com
date 07/21/2017
│ page 3 of 11
CUI Inc
│ SERIES: CFM-40V │ DESCRIPTION: DC AXIAL FAN
PERFORMANCE CURVES
0
0.02
0.04
0.06
0.08
0.1
0.12
02468
Air Flow (CFM)
0
0.5
1
1.5
2
2.5
3
Air Flow (CMM)
0
0.055
0.11
0.165
0.22
0
0.04
0.08
0.12
0.16
0.2
024
68
0
1
2
3
4
5
00.055
0.11
0.1650.22
Air Flow (CFM)
Air Flow (CMM)
CFM-4010V-058-206
0
0.02
0.04
0.06
0.08
0.1
012345
6 0
0.5
1
1.5
2
2.5
00.028 0.056 0.0840.112 0.140.168
Air Flow (CFM)
Air Flow (CMM)
0
0.02
0.04
0.06
0.08
0.1
0.12
0
246
8
0
0.5
1
1.5
2
2.5
3
00.055
0.11
0.1650.22
Air Flow (CFM)
Air Flow (CMM)
CFM-4010V-070-273
CFM-4010V-158-206
CFM-4010V-150-157
For more information, please visit the product page.


Similar Part No. - CFM-4020V-270-255

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-4020V-270-255 CUID-CFM-4020V-270-255 Datasheet
830Kb / 11P
   DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-4020V-270-255

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com