Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-4020V-180-275 Datasheet(PDF) 10 Page - CUI INC

Part # CFM-4020V-180-275
Description  DC AXIAL FAN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-4020V-180-275 Datasheet(HTML) 10 Page - CUI INC

Back Button CFM-4020V-180-275 Datasheet HTML 3Page - CUI INC CFM-4020V-180-275 Datasheet HTML 4Page - CUI INC CFM-4020V-180-275 Datasheet HTML 5Page - CUI INC CFM-4020V-180-275 Datasheet HTML 6Page - CUI INC CFM-4020V-180-275 Datasheet HTML 7Page - CUI INC CFM-4020V-180-275 Datasheet HTML 8Page - CUI INC CFM-4020V-180-275 Datasheet HTML 9Page - CUI INC CFM-4020V-180-275 Datasheet HTML 10Page - CUI INC CFM-4020V-180-275 Datasheet HTML 11Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
cui.com
date 07/21/2017
│ page 10 of 11
CUI Inc
│ SERIES: CFM-40V │ DESCRIPTION: DC AXIAL FAN
SAFETY CONSIDERATIONS
1. Do not use or operate this fan in excess of the limitations set forth in this specification. CUI is not responsible for the
non-performance of this fan and/or any damages resulting from its use, if it is not used or operated in accordance with
the specifications.
2. CUI recommends adding a protection circuit to the product or application in which this fan is installed, such as a
thermo-fuse, or current fuse or thermo-protector. The failure to use such a device may result in smoke, fire, electric
shock by insulation degradation in cases of motor lead short circuit, overload, or over voltage, and/or other failure.
3. CUI recommends installing a protection device to the product or application in which this fan is installed if there is a
possibility of reverse connection between Vdc (+) and GND (-). The failue to install such a device may result in smoke,
fire, and/or destruction, although these conditions may not manifest immediately.
4. This fan mush be installed and used in compliance with all applicable safety standards and regulations.
5. Use proper care when handling and/or installing this fan. Improper handling of installation of this fan may cause
damage that could result in unsafe conditions.
6. Use proper care during installation and/or wiring. Failure to use proper care may cause damage to certain components
of the fan including, but not limited to, the coil and lead wires, which could result in smoke and/or fire.
7. Do not use power or ground PWM to control the fan speed. If the fan speed needs to be adjusted, please contact CUI
to customize the product design for your application.
8. For critical or extreme environments, including non-stop operation, please contact CUI and we will gladly provide
assistance with your product selection to ensure an appropriate cooling product for your application.
9. When building your device, please examine thouroughly any variation of EMC, temperature rise, life data, quality, etc.
of this product by shock/drop/vibration testing, etc. If there are any problems or accidents in connection with this
product, it should be mutually discussed and examined.
10. Use proper care when handling these fans. Components such as fan holders or bearings may be damaged, if touched
with fingers or other objects. Additionally, static electricity (ESD) may damage internal circuits of the fan.
11. Do not operate these fans in proximity to hazardous materials such as organic silicon, cyanogens, formalin, phenol, or
corrosive gas environments including, but not limited to, H
2S, SO2, NO2, or Cl2.
12. CUI recommends that you protect these fans from exposure to outside elements such as dust, condensation, humidity,
or insects. Exposure of this fan to such elements may affect its performance and my cause safety hazards. CUI does
not warrant against damage to the product caused by outside elements.
13. The fans must be installed properly and securely. Improper mounting may cause harsh resonance, vibration, and
noise.
14. Do not store these fans in an environment with high humidity. These fans must be stored in accordance with the
specified storage temperature.
15. CUI reserves the right to use components from multiple sources at its discretion. The use of components from other
sources will not affect the specifications as described herein.
16. The life expectancy of these fans has not been evaluated for use in combination with any end application. Therefore,
the life expectancy that relate to these fans are only for reference.
For more information, please visit the product page.


Similar Part No. - CFM-4020V-180-275

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CFM-4020V-180-275 CUID-CFM-4020V-180-275 Datasheet
830Kb / 11P
   DC AXIAL FAN
08/12/2022
More results

Similar Description - CFM-4020V-180-275

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com