Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-5015V-138-201 Datasheet(PDF) 2 Page - CUI INC

Part # CFM-5015V-138-201
Description  DC AXIAL FAN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-5015V-138-201 Datasheet(HTML) 2 Page - CUI INC

  CFM-5015V-138-201 Datasheet HTML 1Page - CUI INC CFM-5015V-138-201 Datasheet HTML 2Page - CUI INC CFM-5015V-138-201 Datasheet HTML 3Page - CUI INC CFM-5015V-138-201 Datasheet HTML 4Page - CUI INC CFM-5015V-138-201 Datasheet HTML 5Page - CUI INC CFM-5015V-138-201 Datasheet HTML 6Page - CUI INC CFM-5015V-138-201 Datasheet HTML 7Page - CUI INC CFM-5015V-138-201 Datasheet HTML 8Page - CUI INC CFM-5015V-138-201 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 12/11/2017
│ page 2 of 9
CUI Inc
│ SERIES: CFM-50V │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage1
5 Vdc input models
12 Vdc input models
24 Vdc input models
3.5
4.5
8
5
12
24
6
13.8
27.6
Vdc
Vdc
Vdc
starting voltage2
5 Vdc input models
12 Vdc input models
24 Vdc input models
3.5
4.5
8
Vdc
Vdc
Vdc
Note:
1. See Model section on page 1 for specific input voltage ranges.
2. Starting voltage for model CFM-5010V-143-260 is 6 Vdc.
PERFORMANCE3
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 10 minutes
3200
7200
RPM
air flow
at 0 inch H
2O, see performance curves
7.7
18.6
CFM
static pressure
at 0 CFM, see performance curves
0.07
0.31
inch H
2O
noise
at 1 m
15.4
38.1
dBA
Note:
3. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES4
parameter
conditions/description
min
typ
max
units
auto restart
on all models
rotation detector signal
available on “11” models
tachometer signal
available on “20” models
Notes:
4. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between internal stator and positive
lead wire
10
MΩ
dielectric strength
apply 500 Vac for 1 minute between housing and
positive lead wire
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 61000-6-1:2007, EN 61000-6-3:2007+A1
life expectancy
at 40°C, 65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
For more information, please visit the product page.


Similar Part No. - CFM-5015V-138-201

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-5010-03 CUI-CFM-5010-03 Datasheet
637Kb / 5P
   DC AXIAL FAN
CFM-5010-03 CUI-CFM-5010-03 Datasheet
602Kb / 5P
   DC AXIAL FAN
02/07/2020
CFM-5010-13 CUI-CFM-5010-13 Datasheet
637Kb / 5P
   DC AXIAL FAN
CFM-5010-13 CUI-CFM-5010-13 Datasheet
602Kb / 5P
   DC AXIAL FAN
02/07/2020
More results

Similar Description - CFM-5015V-138-201

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com