Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFM-50V Datasheet(PDF) 1 Page - CUI INC

Part # CFM-50V
Description  DC AXIAL FAN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-50V Datasheet(HTML) 1 Page - CUI INC

  CFM-50V Datasheet HTML 1Page - CUI INC CFM-50V Datasheet HTML 2Page - CUI INC CFM-50V Datasheet HTML 3Page - CUI INC CFM-50V Datasheet HTML 4Page - CUI INC CFM-50V Datasheet HTML 5Page - CUI INC CFM-50V Datasheet HTML 6Page - CUI INC CFM-50V Datasheet HTML 7Page - CUI INC CFM-50V Datasheet HTML 8Page - CUI INC CFM-50V Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
cui.com
date 12/11/2017
page 1 of 9
SERIES: CFM-50V
│ DESCRIPTION: DC AXIAL FAN
FEATURES
• omniCOOLTM bearing system
• 50 x 50 mm frame
• multiple speed options for different cooling needs
• tachometer signal and rotation detect options available
• auto restart protection standard on all models
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±15%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-5010V-043-260
5
3.5~6
98
0.49
4800
11.0
0.11
25.6
CFM-5010V-052-300
5
3.5~6
179
0.90
5800
13.8
0.15
30.7
CFM-5010V-143-260
12
6~13.8
58
0.70
4800
11.0
0.11
25.6
CFM-5010V-155-310
12
4.5~13.8
81
0.98
5800
13.8
0.15
30.7
CFM-5015V-132-154
12
4.5~13.8
33
0.40
3200
7.7
0.07
15.4
CFM-5015V-138-201
12
4.5~13.8
42
0.51
3800
10.2
0.12
20.1
CFM-5015V-150-290
12
4.5~13.8
54
0.65
5000
13.0
0.17
29.0
CFM-5015V-161-330
12
4.5~13.8
83
1.00
6100
17.0
0.23
33.0
CFM-5015V-172-381
12
4.5~13.8
127
1.53
7200
18.6
0.31
38.1
CFM-5015V-247-290
24
8~27.6
34
0.82
5000
13.0
0.17
29.0
CFM-5015V-258-330
24
8~27.6
51
1.23
6100
17.0
0.23
33.0
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-5010V-043-260 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
11 = rotation detector signal
20 = tachometer signal
For more information, please visit the product page.


Similar Part No. - CFM-50V

ManufacturerPart #DatasheetDescription
logo
CUI INC
CFM-50 CUI-CFM-50 Datasheet
637Kb / 5P
   DC AXIAL FAN
CFM-5010-03 CUI-CFM-5010-03 Datasheet
637Kb / 5P
   DC AXIAL FAN
CFM-5010-03 CUI-CFM-5010-03 Datasheet
602Kb / 5P
   DC AXIAL FAN
02/07/2020
CFM-5010-13 CUI-CFM-5010-13 Datasheet
637Kb / 5P
   DC AXIAL FAN
CFM-5010-13 CUI-CFM-5010-13 Datasheet
602Kb / 5P
   DC AXIAL FAN
02/07/2020
More results

Similar Description - CFM-50V

ManufacturerPart #DatasheetDescription
logo
ebm-papst
2218F EBMPAPST-2218F Datasheet
257Kb / 4P
   DC axial fan
63142TDHHP015 EBMPAPST-63142TDHHP015 Datasheet
150Kb / 4P
   DC axial fan
63182TDH4P007 EBMPAPST-63182TDH4P007 Datasheet
150Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60 CUI-CFM-60 Datasheet
812Kb / 7P
   DC AXIAL FAN
logo
ebm-papst
63142TDHHP015 EBMPAPST-63142TDHHP015_16 Datasheet
292Kb / 4P
   DC axial fan
3314NN EBMPAPST-3314NN Datasheet
452Kb / 4P
   DC axial fan
3318NN EBMPAPST-3318NN Datasheet
452Kb / 4P
   DC axial fan
logo
CUI INC
CFM-60V CUI-CFM-60V Datasheet
1Mb / 15P
   DC AXIAL FAN
CFM-120V CUI-CFM-120V Datasheet
939Kb / 11P
   DC AXIAL FAN
logo
ebm-papst
3312NN EBMPAPST-3312NN Datasheet
452Kb / 4P
   DC axial fan
4314NM EBMPAPST-4314NM Datasheet
19Mb / 4P
   DC axial fan
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com