Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKB06N60 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SKB06N60
Description  Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB06N60 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SKB06N60 Datasheet HTML 7Page - Infineon Technologies AG SKB06N60 Datasheet HTML 8Page - Infineon Technologies AG SKB06N60 Datasheet HTML 9Page - Infineon Technologies AG SKB06N60 Datasheet HTML 10Page - Infineon Technologies AG SKB06N60 Datasheet HTML 11Page - Infineon Technologies AG SKB06N60 Datasheet HTML 12Page - Infineon Technologies AG SKB06N60 Datasheet HTML 13Page - Infineon Technologies AG SKB06N60 Datasheet HTML 14Page - Infineon Technologies AG SKB06N60 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SKP06N60,
SKB06N60
SKA06N60
11
Jul-02
1µs
10µs 100µs
1m s
10m s 100m s
1s
10
-3
K/W
10
-2
K/W
10
-1K/W
10
0K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
tp, PULSE WIDTH
1µs
10µs 100µs 1ms 10ms 100ms
1s
10s
10
-3
K/W
10
-2
K/W
10
-1
K/W
10
0
K/W
10
1
K/W
0.01
0.02
0.05
0.1
0.2
single pulse
D=0.5
tp, PULSE WIDTH
Figure 28. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
Figure 29. IGBT transient thermal
impedance as a function of pulse width
(D = tp / T)
SKP06N60
SKB06N60
SKA06N60
C1=
τ
1 / R 1
R1
R2
C2=
τ
2 / R 2
R ,( K/ W )
τ , (s ) =
0.705
0.0341
0.561
3.74E-3
0.583
3.25E-4
C 1 = τ 1 / R 1
R 1
R 2
C 2 = τ 2 / R 2
R ,( K/ W )
τ , (s ) =
2.73
1.83
0.395
2.93*10
-2
0.353
2.46*10
-3
0.323
3.45*10
-4


Similar Part No. - SKB06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60 INFINEON-SKB06N60 Datasheet
278Kb / 13P
   Fast S-IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-0
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
More results

Similar Description - SKB06N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP15N60 INFINEON-SKP15N60_08 Datasheet
377Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKP15N60 INFINEON-SKP15N60 Datasheet
450Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKP02N60 INFINEON-SKP02N60 Datasheet
397Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW20N60 INFINEON-SKW20N60 Datasheet
400Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Mar-00
SKP10N60A INFINEON-SKP10N60A Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com