Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD453R20S30MC Datasheet(PDF) 6 Page - International Rectifier

Part # SD453R20S30MC
Description  FAST RECOVERY DIODES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD453R20S30MC Datasheet(HTML) 6 Page - International Rectifier

Back Button SD453R20S30MC Datasheet HTML 2Page - International Rectifier SD453R20S30MC Datasheet HTML 3Page - International Rectifier SD453R20S30MC Datasheet HTML 4Page - International Rectifier SD453R20S30MC Datasheet HTML 5Page - International Rectifier SD453R20S30MC Datasheet HTML 6Page - International Rectifier SD453R20S30MC Datasheet HTML 7Page - International Rectifier SD453R20S30MC Datasheet HTML 8Page - International Rectifier SD453R20S30MC Datasheet HTML 9Page - International Rectifier SD453R20S30MC Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SD453N/R Series
6
Bulletin I2076 rev. A 09/94
www.irf.com
2000
3000
4000
5000
6000
7000
8000
9000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
SD453N/R..S20 Series
Initial T = 150 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.01
0.1
1
Pulse T rain Duration (s)
Maximum Non Repetitive Surge Current
SD453N/R..S20 Series
Versus Pulse Train Duration.
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Fig. 9 - Maximum Non-repetitive Surge Current
Fig. 10 - Maximum Non-repetitive Surge Current
2000
3000
4000
5000
6000
7000
8000
9000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150 °C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
SD453N/R..S30 Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
3000
4000
5000
6000
7000
8000
9000
10000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
SD453N/R..S30 Series
Versus Pulse Train Duration.
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Fig.12 - Maximum Non-repetitive Surge Current
Fig.11 - Maximum Non-repetitive Surge Current
0
100
200
300
400
500
600
700
800
900
1000
0
100 200 300 400 500 600 700 800
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
SD453N/R..S30 Series
T = 150°C
J
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Angle
SD453N/R..S30 Series
T = 150°C
J
Fig. 8 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics


Similar Part No. - SD453R20S30MC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD453R IRF-SD453R Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results

Similar Description - SD453R20S30MC

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com