Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A1024 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE70A1024
Description  RF Step Attenuators Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1024 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE70A1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1024 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A1024 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.0
0.3
0.6
0.8
1.1
1.4
1.7
1.9
2.2
dB
GHz
Attenuation
IL
1 dB
2 dB
3 dB
4 dB
5 dB
6 dB
7 dB
8 dB
9 dB
10 dB
PE70A1024 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 10 dB Rotary Step Attenuator, BNC Female to BNC Female With 1 dB Step Rated to
2 Watts Up to 2.2 GHz PE70A1024
RF Step Attenuators Technical Data Sheet
PE70A1024
0 to 10 dB Rotary Step Attenuator, BNC Female to BNC
Female With 1 dB Step Rated to 2 Watts Up to 2.2 GHz


Similar Part No. - PE70A1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1021 PASTERNACK-PE70A1021 Datasheet
432Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1022 PASTERNACK-PE70A1022 Datasheet
420Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1023 PASTERNACK-PE70A1023 Datasheet
422Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1025 PASTERNACK-PE70A1025 Datasheet
438Kb / 6P
   RF Step Attenuators Technical Data Sheet
More results

Similar Description - PE70A1024

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1025 PASTERNACK-PE70A1025 Datasheet
438Kb / 6P
   RF Step Attenuators Technical Data Sheet
PE70A1023 PASTERNACK-PE70A1023 Datasheet
422Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1021 PASTERNACK-PE70A1021 Datasheet
432Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1022 PASTERNACK-PE70A1022 Datasheet
420Kb / 5P
   RF Step Attenuators Technical Data Sheet
PE70A1013 PASTERNACK-PE70A1013 Datasheet
306Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-9 PASTERNACK-PE7AP1000-9 Datasheet
292Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1002-6 PASTERNACK-PE7AP1002-6 Datasheet
239Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1002-12 PASTERNACK-PE7AP1002-12 Datasheet
240Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-0 PASTERNACK-PE7AP1000-0 Datasheet
298Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com