Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LX23UWC-TR Datasheet(PDF) 2 Page - LUMEX INC.

Part # SML-LX23UWC-TR
Description  3(L)*2(W)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, WATER CLEAR LENS, TAPE & REEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX23UWC-TR Datasheet(HTML) 2 Page - LUMEX INC.

  SML-LX23UWC-TR_17 Datasheet HTML 1Page - LUMEX INC. SML-LX23UWC-TR_17 Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRE-HEATING
150~200 C
60~120 SEC.
ABOVE 217 C
60~150 SEC. MAX.
10S. MAX.
6 C/S MAX.
260 C MAX.
3 C/S MAX.
TIME
ABOVE 255 C
30S MAX.
25 C
1.55 ±0.1
1.00
2 ±0.1
4 ±0.1
4 ±0.1
A
A
B
B
0.25 ±0.1
1.65 ±0.1
SECTION A-A
2.25 ±0.1
SECTION B-B
CARRIER TAPE DIMENSION
PROFILE
CATHODE
ANODE
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
3(L)*2(W)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, WATER CLEAR LENS, TAPE & REEL
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SML-LX23UWC-TR
F
2017.11.07
2 OF 2
C.C.
G.Y.
E.C.


Similar Part No. - SML-LX23UWC-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX23UWC-TR LUMEX-SML-LX23UWC-TR Datasheet
67Kb / 1P
   2mm x 3mm SURFACE MOUNT WITH REFLECTOR
More results

Similar Description - SML-LX23UWC-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX23SRC-TR LUMEX-SML-LX23SRC-TR_17 Datasheet
227Kb / 2P
   2(W)*3(L)*1.3(H)mm, SURFACE MOUNT WITH REFLECTOR, 655nm SUPER RED LED, WATER CLEAR LENS, TAPE AND REEL.
SML-LX5050SIUPGUBC LUMEX-SML-LX5050SIUPGUBC_17 Datasheet
443Kb / 2P
   5(L)*5(W)*1.3(H)mm, SML W / REFLECTOR, AlGaInP RED / InGaN GREEN / InGaN BLUE, WATER CLEAR LENS, TAPE & REEL.
SML-LXR851SGSIC-TR LUMEX-SML-LXR851SGSIC-TR Datasheet
439Kb / 2P
   1(L)*3(W)*2(H)mm, SURFACE MOUNT SIDE VIEW LED, GREEN / RED LED, WATER CLEAR LENS, TAPE & REEL
SML-LXL1206GC-TR LUMEX-SML-LXL1206GC-TR Datasheet
421Kb / 2P
   3(L)*1.5(W)*1.5(H)mm, PCB SML WITH LENS, 570nm YELLOW GREEN LED, WATER CLEAR LENS, TAPE & REEL
SML-LXL1209SYC-ATR LUMEX-SML-LXL1209SYC-ATR Datasheet
622Kb / 3P
   3.2(L)*2.4(W)*2.5(H)mm, SURFACE MOUNT LED, 595 SUPER YELLOW LED, WATER CLEAR LENS, TAPE & REEL
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR Datasheet
176Kb / 3P
   5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
   5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX4014UWC-TR LUMEX-SML-LX4014UWC-TR_17 Datasheet
416Kb / 2P
   4.0(L)*1.4(W)*0.6(H)mm, COOL WHITE LED, InGaN/GAN, WATER CLEAR LENS, TAPE & REEL
SML-LX0606SISUGCTR LUMEX-SML-LX0606SISUGCTR Datasheet
461Kb / 2P
   1.6(L)*1.5(W)*0.7(H)mm, SURFACE MOUNT LED, AlInGap RED/AlInGaP GREEN BICOLOR LED, WATER CLEAR LENS, TAPE & REEL
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR Datasheet
100Kb / 2P
   5.0x5.0mm SML W/REFLECTOR, 636nm RED, WATER CLEAR, TAPE & REEL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com