Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM132N Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part No. STM132N
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMHOP [SamHop Microelectronics Corp.]
Homepage  http://www.samhop.com.tw
Logo 

STM132N Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SamHop Microelectronics Corp.
Symbol
VDS
VGS
IDM
A
ID
Units
Parameter
100
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
Ω) Max
100V
8A
27 @ VGS=4.5V
19 @ VGS=10V
FEATURES
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Limit
Drain Current-Continuous
-Pulsed
a c
A
www.samhop.com.tw
1
Details are subject to change without notice.
TC=25°C
W
PD
°C
-55 to 150
TC=25°C
THERMAL CHARACTERISTICS
Maximum Power Dissipation
Operating Junction and Storage
Temperature Range
TJ, TSTG
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
TC=70°C
A
EAS
mJ
Single Pulse Avalanche Energy
d
TC=70°C
W
272
8
40
2.5
6.4
1.6
c
STM132N
Green
Product
SO-8
1
Super high dense cell design for low RDS(ON).
Rugged and reliable.
Suface Mount Package.
Ver 1.0
Feb,09,2015


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn