Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STM132N Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part No. STM132N
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMHOP [SamHop Microelectronics Corp.]
Homepage  http://www.samhop.com.tw
Logo 

STM132N Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STM132N
www.samhop.com.tw
Feb,09,2015
5
tp
V(BR )D SS
IAS
F igure 13b.
o
frm
Wave
s
Unc lamped Inductive
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
1
0
100
1000
Square Wave Pulse Duration(sec)
Normalized Thermal Transient Impedance Curve
0.01
0.02
0.5
0.2
0.1
0.05
Single Pulse
F igure 13a.
Unc lamped
s
Inductive Te t Circuit
R G
IAS
0.0 1
tp
D.U .T
L
V DS
+
-
DD
20V
V
P DM
t1
t2
1. R JA (t)=r (t) * R JA
2. R JA=S ee Datas heet
3. T JM-T A = P DM* R JA (t)
4. Duty C ycle, D=t1/t2
Ver 1.0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn