Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1V014 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1V014
Description  Metal Oxide Varistors (MOV)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1V014 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1V014 Datasheet HTML 1Page - NTE Electronics NTE1V014 Datasheet HTML 2Page - NTE Electronics NTE1V014 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics:
Maximum Ratings (TA = 25°C)
Continuous
Transient
Characteristics
NTE Type
Number
Case Diameter
RMS
Voltage
(Volts)
DC
Voltage
(Volts)
Energy
(10/1000
µs)
(Joules)
Peak Current
(8/20
µs)
(Amps)
Nominal
Varistor
Voltage
@ 1mA DC
Test Current
(Volts)
Maximum
Clamping
Voltage, VC
@ Test Current
(8/20
µs)
(Volts)
Transient
Power
Dissipation
(Watts)
Vm (AC)
Vm (DC)
WTM
ITM
VNOM
VCL
PD
1V010
8.5mm
10
12
0.8
250
18
45
0.25
2V010
16mm
10
12
3.5
1000
18
45
0.60
1V014
8.5mm
14
18
1.2
250
22
55
0.25
2V014
16mm
10
12
4.0
1000
22
55
0.60
1V015
8.5mm
15
20
1.0
250
24
52
0.25
2V015
16mm
15
20
4.5
1000
24
48
0.60
1V017
8.5mm
17
22
1.3
250
27
60
0.25
2V017
16mm
17
22
5.0
1000
27
60
0.60
1V020
8.5mm
20
26
1.5
250
33
70
0.25
2V020
16mm
20
26
6.0
1000
33
70
0.60
1V025
8.5mm
25
31
1.7
250
39
80
0.25
2V025
16mm
25
31
7.0
1000
39
80
0.60
1V030
8.5mm
30
38
2.3
250
47
95
0.25
2V030
16mm
30
38
8.5
1000
47
95
0.60
1V035
8.5mm
35
45
2.7
250
56
110
0.25
2V035
16mm
35
45
10.0
1000
56
110
0.60
1V040
8.5mm
43
55
3.2
250
68
135
0.25
2V040
16mm
43
55
13.0
1000
68
135
0.60
1V050
8.5mm
52
66
4.0
250
82
150
0.25
2V050
16mm
52
66
14.0
1000
82
150
0.60
1V060
8.5mm
63
80
6.0
1200
100
175
0.25
2V060
16mm
63
80
18.0
4500
100
175
0.60
1V075
8.5mm
75
95
5.0
1200
120
205
0.25
2V075
16mm
75
95
21.0
4500
120
205
0.60
1V095
8.5mm
95
125
7.0
1200
150
250
0.25
2V095
16mm
95
125
29.0
4500
150
250
0.60
1V115
8.5mm
115
150
10.0
1200
171
295
0.25
2V115
16mm
115
150
35.0
4500
171
300
0.60
1V130
8.5mm
135
180
10.0
1200
216
355
0.25
2V130
16mm
135
180
39.0
4500
216
355
0.60
524V13
23mm
135
180
72.0
6500
216
355
1.00
1V150
8.5mm
160
210
10.0
1200
240
410
0.25
2V150
16mm
160
210
40.0
4500
240
410
0.60
524V15
23mm
160
210
80.0
6500
240
410
1.00
1V175
8.5mm
170
225
12.0
1200
270
450
.025
524V17
23mm
170
225
90.0
6500
270
450
1.00
1V250
8.5mm
240
320
20.0
1200
390
630
0.25
2V250
16mm
240
320
70.0
4500
390
630
0.60
524V25
23mm
240
320
129.0
6500
390
630
1.00
1V275
8.5mm
260
330
20.0
1200
430
685
0.25
2V275
16mm
260
330
72.0
4500
430
685
0.60
524V27
23mm
260
330
135.0
6500
430
685
1.00


Similar Part No. - NTE1V014

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V014 NTE-NTE1V014 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
More results

Similar Description - NTE1V014

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
   Metal Oxide Varistors (MOV)
VDR10D180L HUAXINAN-VDR10D180L Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
   Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
   Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
   Metal Oxide Varistors (MOV)
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
   Metal Oxide Varistors (MOV)
logo
HuaXinAn Electronics CO...
07D HUAXINAN-07D Datasheet
470Kb / 6P
   Metal Oxide Varistors (MOV)
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
   Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com