Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWW5SM-JYKZ-4J8K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCWW5SM-JYKZ-4J8K
Description  Furniture Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SM-JYKZ-4J8K Datasheet(HTML) 4 Page - OSRAM GmbH

  LCWW5SM-JYKZ-4J8K Datasheet HTML 1Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 2Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 3Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 4Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 5Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 6Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 7Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 8Page - OSRAM GmbH LCWW5SM-JYKZ-4J8K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2017-06-06
4
Version 1.3
LCW W5SM
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 25
Farbkoordinaten nach CIE 1931 2) Seite 25
(typ.)
(typ.)
Cx
Cy
0.42
0.4
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 25
Durchlassspannung 3) Seite 25
(min.)
(typ.)
(max.)
VF
VF
V
F
2.70
3.20
3.70
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 25
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 25
(typ.)
(max.)
Rth JS real
Rth JS real
5
6.4
K/W
K/W


Similar Part No. - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM-JYKZ-4J8K OSRAM-LCWW5SM-JYKZ-4J8K Datasheet
800Kb / 26P
   Furniture Lighting
More results

Similar Description - LCWW5SM-JYKZ-4J8K

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWW5SM-JXKY-4O9Q OSRAM-LCWW5SM-JXKY-4O9Q Datasheet
800Kb / 26P
   Furniture Lighting
logo
PANDUIT CORP.
CFFPHM4BL PANDUIT-CFFPHM4BL Datasheet
243Kb / 2P
   Mini-Com짰 Modular Furniture Faceplates
1/2015
logo
List of Unclassifed Man...
4FFSTC15 ETC-4FFSTC15 Datasheet
217Kb / 4P
   Bring Power & Communication Services to Modular Furniture Systems
January 2017
AX102901 ETC2-AX102901 Datasheet
103Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 4 Port
AX103925 ETC2-AX103925 Datasheet
102Kb / 3P
   Faceplates and Panels - KeyConnect Modular Furniture Adapter, 3 Port
logo
OptoSupply Internationa...
OSM5XAHDE1E OPTOSUPPLY-OSM5XAHDE1E Datasheet
527Kb / 2P
   Tops 100 Power Warm White LED Display cases, furniture illumination, marker
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
   General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
   LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
   LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
   LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com