Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6411BS34-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6411BS34-T
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6411BS34-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6411BS34-T Datasheet HTML 1Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 2Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 3Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 4Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 5Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 6Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 7Page - Maxim Integrated Products MAX6411BS34-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuit to initiate a reset. A logic low on MR asserts
OUT/OUT. OUT/OUT remains asserted while MR is low.
This input has an internal 50k
Ω pullup resistor, so it can
be left open if it is not used. MR can be driven with TTL
or CMOS logic levels, or with open-drain/collector out-
puts. Connect a normally open momentary switch from
MR to GND to create a manual reset function. If MR is
driven from long cables or if the device is used in a
noisy environment, connect a 0.1µF capacitor from MR
to ground to provide additional noise immunity.
Applications Information
Interfacing to Different Logic
Voltage Components
The MAX6408/MAX6411 have an active-low, open-
drain output. This output structure will sink current
when OUT is asserted. Connect a pullup resistor from
OUT to any supply voltage up to 5.5V (Figure 1). Select
a resistor value large enough to allow a valid logic low
(see Electrical Characteristics), and small enough to
register a logic high while supplying all input currents
and leakage paths connected to the OUT line.
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
6
_______________________________________________________________________________________
PART
TOP MARK
PART
TOP MARK
PART
TOP MARK
MAX6406BS31-T
AEF
MAX6407BS31-T
AEP
MAX6408BS31-T
AEZ
MAX6406BS30-T
AEE
MAX6407BS30-T
AEO
MAX6408BS30-T
AEY
MAX6406BS29-T
AED
MAX6407BS29-T
AEN
MAX6408BS29-T
AEX
MAX6406BS28-T
AEC
MAX6407BS28-T
AEM
MAX6408BS28-T
AEW
MAX6406BS27-T
AEB
MAX6407BS27-T
AEL
MAX6408BS27-T
AEV
MAX6406BS26-T
AEA
MAX6407BS26-T
AEK
MAX6408BS26-T
AEU
MAX6406BS25-T
ADZ
MAX6407BS25-T
AEJ
MAX6408BS25-T
AET
MAX6406BS24-T
ADY
MAX6407BS24-T
AEI
MAX6408BS24-T
AES
MAX6406BS23-T
ADX
MAX6407BS23-T
AEH
MAX6408BS23-T
AER
MAX6406BS22-T
ADW
MAX6407BS22-T
AEG
MAX6408BS22-T
AEQ
Table 2. Device Marking Codes
PART
TOP MARK
PART
TOP MARK
PART
TOP MARK
MAX6409BS46-T
AFN
MAX6410BS46-T
AAX
MAX6411BS46-T
ABL
MAX6409BS45-T
AFM
MAX6410BS45-T
AAW
MAX6411BS45-T
ABK
MAX6409BS44-T
AFL
MAX6410BS44-T
AAV
MAX6411BS44-T
ABJ
MAX6409BS43-T
AFK
MAX6410BS43-T
AAU
MAX6411BS43-T
ABI
MAX6409BS42-T
AFJ
MAX6410BS42-T
AAT
MAX6411BS42-T
ABH
MAX6409BS41-T
AFI
MAX6410BS41-T
AAS
MAX6411BS41-T
ABG
MAX6409BS40-T
AFH
MAX6410BS40-T
AAR
MAX6411BS40-T
ABF
MAX6409BS39-T
AFG
MAX6410BS39-T
AAQ
MAX6411BS39-T
ABE
MAX6409BS38-T
AFF
MAX6410BS38-T
AAP
MAX6411BS38-T
ABD
MAX6409BS37-T
AFE
MAX6410BS37-T
AAO
MAX6411BS37-T
ABC
MAX6409BS36-T
AFD
MAX6410BS36-T
AAN
MAX6411BS36-T
ABB
MAX6409BS35-T
AFC
MAX6410BS35-T
AAM
MAX6411BS35-T
ABA
MAX6409BS34-T
AFB
MAX6410BS34-T
AAL
MAX6411BS34-T
AAZ
MAX6409BS33-T
AFA
MAX6410BS33-T
AAK
MAX6411BS33-T
AAY


Similar Part No. - MAX6411BS34-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX641 MAXIM-MAX641 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX641-MAX643 MAXIM-MAX641-MAX643 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6412 MAXIM-MAX6412 Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6411BS34-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com