Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6411BS37-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6411BS37-T
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6411BS37-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6411BS37-T Datasheet HTML 1Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 2Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 3Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 4Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 5Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 6Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 7Page - Maxim Integrated Products MAX6411BS37-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All voltages measured to GND unless otherwise noted.
VCC ..........................................................................-0.3V to +6V
OUT/OUT ...................................................-0.3V to (VCC + 0.3V)
OUT (open-drain) .....................................................-0.3V to +6V
MR ..............................................................-0.3V to (VCC + 0.3V)
Input/Output Current into Any Pin .......................................20mA
Continuous Power Dissipation (TA = +70°C)
4-Pin/Bump UCSP (derate 3.8mW/°C above +70°C)....303mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +160°C
Bump Reflow Temperature .............................................+235°C
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
Supply Voltage Range
VCC
TA = -40°C to +85°C
1.2
5.5
V
MAX6406/MAX6407/MAX6408
VCC = 3.0V for VTH
≤ 2.93V,
VCC = 3.2V for VTH > 2.93V, no load
0.5
1.0
Supply Current
ICC
VCC = 5.5V, no load
1.0
1.75
µA
TA = +25°CVTH - 1.5% VTH VTH + 1.5%
Detector Threshold
VTH
Table 1
TA = -40°C to +85°CVTH - 2.5% VTH VTH + 2.5%
V
MAX6406/MAX6407/MAX6408
6.3
Voltage Threshold Hysteresis
MAX6409/MAX6410/MAX6411
9.5
mV
Detector Threshold Tempco
∆VTH/°C
40
ppm/°C
VIL
0.8
VIH
VTH > 4.0V
2.0
VIL
0.2 x VCC
MR Input
VIH
VTH
≤ 4.0V
0.7 x VCC
V
MR Minimum Input Pulse Width
tMD
1µs
MR Glitch Rejection
100
ns
MR to OUT/OUT Delay
200
ns
MR Pullup Resistance
25
50
75
k
VCC = (VTH + 100mV) to (VTH - 100mV)
20
Propagation Delay
VCC = (VTH - 100mV) to (VTH + 100mV)
42
µs
Startup Time
VCC = 0 to VTH (min)
88
µs
ISINK = 1.6mA, VCC
≥ 2.1V, OUT asserted
0.3
OUT Output Voltage Low
(MAX6406/MAX6408/MAX6409/
MAX6411)
VOL
ISINK = 100µA, VCC
≥ 1.2V, OUT asserted
0.4
V
ISOURCE = 500µA, VCC = 3.2V, MAX6406,
OUT not asserted
0.8 x VCC
ISOURCE = 800µA, VCC = 4.5V,
VTH
≤ 4.38V, OUT not asserted
0.8 x VCC
OUT Output Voltage High
(MAX6406/MAX6409)
VOH
ISOURCE = 800µA, VCC = VTH (max),
VTH
≥ 4.5V, OUT not asserted
0.8 x VCC
V


Similar Part No. - MAX6411BS37-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX641 MAXIM-MAX641 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX641-MAX643 MAXIM-MAX641-MAX643 Datasheet
449Kb / 12P
   Fixed Output 10W CMOS Step-Up Switching Regulators
3/90
MAX6412 MAXIM-MAX6412 Datasheet
190Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
19-2336; Rev 1; 8/03
MAX6412 MAXIM-MAX6412 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6412 MAXIM-MAX6412 Datasheet
193Kb / 12P
   Low-Power, Single/Dual-Voltage uP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 5; 8/12
More results

Similar Description - MAX6411BS37-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6400 MAXIM-MAX6400 Datasheet
152Kb / 9P
   關P Supervisory Circuits in 4-Bump (2 x 2) Chip-Scale Package
Rev 1; 8/01
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
Torex Semiconductor
XC612 TOREX-XC612_1 Datasheet
711Kb / 14P
   2-Channel Voltage Detectors
logo
Analog Devices
ADG758 AD-ADG758_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759 AD-ADG759_15 Datasheet
359Kb / 12P
   4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG759BCPZ AD-ADG759BCPZ Datasheet
359Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. B
ADG758 AD-ADG758 Datasheet
308Kb / 12P
   3 ohm, 4-/8-Channel Multiplexers in Chip Scale Package
REV. A
logo
Texas Instruments
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006BIYZFR TI1-TMP006BIYZFR Datasheet
789Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com