Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01-1A28-21SCW-D0 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CE01-1A28-21SCW-D0
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-1A28-21SCW-D0 Datasheet(HTML) 1 Page - DDK Ltd.

  CE01-1A28-21SCW-D0 Datasheet HTML 1Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 2Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 3Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 4Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 5Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 6Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 7Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 8Page - DDK Ltd. CE01-1A28-21SCW-D0 Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Your checking the latest specifications with our drawings would be highly appreciated.
CE01 series is compatible with JIS-B 6015,Japanese
Industrial Standards, and is superior in waterproof
and dustproof connector which has a ground contact
to protect a circuit.
This connector is ideal for use under the external
condition such as industrial equipment which needs to
withstand moisture, oil, and dust.
CE01 Series
Waterproof Connectors with Crimp Contacts
Comptatible with JIS-B-6015
RoHS
Compliant
RoHS
Compliant
170214
Lock Type
Bayonet
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIAL / FINISH
Rated Current
Contact Size
#20
#16
#12
#8
Maximum Rating per Contact
5A
13A
23A
46A
Rated Voltage
Service Rating
INST
A
D
AC(r.m.s.)
200
500
900
DC
250
700
1,250
Dielectric Withstanding Voltage
AC(r.m.s.)/1minute
1,000
2,000
2,800
Insulation Resistance
5,000M Ω min. at 500VDC
Contact Resistance
Contact Size
#20
#16
#12
#8
m Ω max.
8
4
2
0.6
Operating Temperature
-55℃ to +125℃
Humidity
95% max.
Item
Material / Finish
Shell
Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment
Coupling Ring
Aluminum Alloy / Zinc Plating, Black Trivalent Chromium Treatment
Insert
Polyester Resin (UL94V-0) Gray
Contact
Copper Alloy / Silver Plating
O Ring
Nitrile Rubber
Ground Clip
Copper Alloy / Silver Plating
Gasket
Polychloroprene or Ethylenepropylene Rubber
Conforming
Standard
JIS B 6015
IP67
Waterproof
● Five-key position prevents cross-plugging problems
and one touch lock design is capable to lock surely
with click note. (Bayonet Coupling)
● Receptacle connector has an o-ring which conforms to meet IP67 to prevent moisture, oil and dust
when the connectors are mated. Besides, when the plug connector uses a conduit with an o-ring, both
plug and receptacle can be waterproof.
● Connectors are provided with a premating and ground contact having conductivity with the shell to
protect a circuit. The premating contact is mated first before the other contacts and dismated last when
dismating the connector.
● Contact is crimp type and easy to terminate. Also it is easy to extract the contact from the insert by
the extraction tool.
● UL approved (File No. E72124)


Similar Part No. - CE01-1A28-21SCW-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-1A28-14PCW-D0 DDK-CE01-1A28-14PCW-D0 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A28-14PCW-D0 DDK-CE01-1A28-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A28-14PCX-D0 DDK-CE01-1A28-14PCX-D0 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A28-14PCX-D0 DDK-CE01-1A28-14PCX-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A28-14PCY-D0 DDK-CE01-1A28-14PCY-D0 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-1A28-21SCW-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01 DDK-CE01 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A18-14PCW-D0 DDK-CE01-1A18-14PCW-D0 Datasheet
906Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com