Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A1017 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE70A1017
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1017 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE70A1017 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1017 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1017 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1017 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1017 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A1017 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
0 to 30 dB Voltage Variable Attenuator, PIN Diode, DC to 20 GHz, Rated to 18 dBm, SMA
PE70A1017 CAD Drawing
PE70A1017 REV 1.0


Similar Part No. - PE70A1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1010 PASTERNACK-PE70A1010 Datasheet
268Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1011 PASTERNACK-PE70A1011 Datasheet
268Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1012 PASTERNACK-PE70A1012 Datasheet
272Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1013 PASTERNACK-PE70A1013 Datasheet
306Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
More results

Similar Description - PE70A1017

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com