Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A1013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE70A1013
Description  RF Fixed Attenuators Technical Data Sheet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE70A1013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1013 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.216 in [30.89 mm]
Width/Diameter
0.366 in [9.3 mm]
.
Weight
0.019 lbs [8.62 g]
Body Material and Plating
Brass
Configuration
Design
Fixed
Package Style
Connectorized Module
Connectors
Description
Connector 1
Connector 2
Type
SMAMale
SMAFemale
Hex Size
5/16 inch
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
• Data measurements start from 9 kHz to 6 GHz
PE70A1013 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 9 dB Fixed Attenuator, SMA Male to SMA Female Brass Body Rated to 2 Watts From
0.009 MHz to 6 GHz
PE70A1013
RF Fixed Attenuators Technical Data Sheet
PE70A1013
9 dB Fixed Attenuator, SMA Male to SMA Female Brass
Body Rated to 2 Watts From 0.009 MHz to 6 GHz


Similar Part No. - PE70A1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1010 PASTERNACK-PE70A1010 Datasheet
268Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1011 PASTERNACK-PE70A1011 Datasheet
268Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1012 PASTERNACK-PE70A1012 Datasheet
272Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE70A1015 PASTERNACK-PE70A1015 Datasheet
307Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
More results

Similar Description - PE70A1013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1014 PASTERNACK-PE70A1014 Datasheet
307Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-9 PASTERNACK-PE7AP1000-9 Datasheet
292Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1002-6 PASTERNACK-PE7AP1002-6 Datasheet
239Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1002-12 PASTERNACK-PE7AP1002-12 Datasheet
240Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-0 PASTERNACK-PE7AP1000-0 Datasheet
298Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-1 PASTERNACK-PE7AP1000-1 Datasheet
295Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-3 PASTERNACK-PE7AP1000-3 Datasheet
294Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1000-18 PASTERNACK-PE7AP1000-18 Datasheet
310Kb / 3P
   RF Fixed Attenuators Technical Data Sheet
PE70A1010 PASTERNACK-PE70A1010 Datasheet
268Kb / 5P
   RF Fixed Attenuators Technical Data Sheet
PE7AP1002-0 PASTERNACK-PE7AP1002-0 Datasheet
239Kb / 4P
   RF Fixed Attenuators Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com