Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2H100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SB2H100
Description  High Voltage Schottky Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB2H100 Datasheet(HTML) 1 Page - Vishay Siliconix

  SB2H100 Datasheet HTML 1Page - Vishay Siliconix SB2H100 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
SB2H90
SB2H100
Unit
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working Peak Reverse Voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TA = 25°C
IF(AV)
2.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
75
A
superimposed on rated load (JEDEC Method)
Peak repetitive reverse surge current at tp = 2.0
µs, 1KHZ
IRRM
1.0
A
Critical rate of rise of reverse voltage
dv/dt
10,000
V/
µs
Typical thermal resistance (2)
R
θJA
45
°C/W
R
θJL
14
Storage temperature range
TSTG
–55 to +175
°C
Maximum operating junction temperature
TJ
+175
°C
Electrical Characteristics (TA = 25°C unless otherwise noted)
Max. instantaneous forward voltage(1)
IF = 2A, TJ = 25°C
VF
0.79
V
IF = 2A, TJ = 125°C
0.65
Maximum DC reverse current
TJ = 25°C
10
µA
at rated DC blocking voltage
TJ = 125°C
IR
4mA
Notes: (1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) P.C.B. mounted with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Low power loss, high efficiency
• For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
• Guardring for overvoltage protection
Mechanical Data
Case: JEDEC DO-204AC molded plastic over a
passivated junction
Terminals: Solder Plated axial leads, solderable per MIL-
STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds 0.375” (9.5mm) lead length,
5 lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
Dimensions in inches
and (millimeters)
DO-204AC (DO-15)
New Product
High Voltage Schottky Rectifiers
SB2H90 and SB2H100
Vishay Semiconductors
formerly General Semiconductor
Document Number 88718
www.vishay.com
25-Jun-02
1
Reverse Voltage 90 to 100V
Forward Current 2.0A


Similar Part No. - SB2H100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB2H100 VISHAY-SB2H100 Datasheet
96Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-May-08
SB2H100 VISHAY-SB2H100 Datasheet
73Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
logo
Shenzhen Taychipst Elec...
SB2H100 TAYCHIPST-SB2H100 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB2H100 VISHAY-SB2H100 Datasheet
77Kb / 5P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
SB2H100-E3-54 VISHAY-SB2H100-E3-54 Datasheet
73Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
More results

Similar Description - SB2H100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Taychipst Elec...
SB2H90 TAYCHIPST-SB2H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
MBRB10H100 VISHAY-MBRB10H100 Datasheet
114Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
SS10PH10 VISHAY-SS10PH10_15 Datasheet
96Kb / 6P
   High Voltage Schottky Rectifiers
Revision: 06-Nov-13
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com