Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG5608E Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG5608E
Description  LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG5608E Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REG5608E Datasheet HTML 1Page - Burr-Brown (TI) REG5608E Datasheet HTML 2Page - Burr-Brown (TI) REG5608E Datasheet HTML 3Page - Burr-Brown (TI) REG5608E Datasheet HTML 4Page - Burr-Brown (TI) REG5608E Datasheet HTML 5Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
®
REG5608
FIGURE 1. SCSI Parallel Bus Termination.
θ
JL
θ
BA
θ
JA
CIRCUIT BOARD
JUNCTION TO LEAD +
BOARD TO AMBIENT
=
JUNCTION TO AMBIENT
PACKAGE
MATERIAL
(
°C/W)
(
°C/W)
(
°C/W)
SO-28
1-Layer(1)
20
+
30
=
50
3-Layer(2)
20
+
21
=
41
Aluminum(3)
20
+
12
=
32
SSOP-28
1-Layer(1)
20
+
36
=
56
3-Layer(2)
20
+
23
=
43
Aluminum(3)
20
+
13
=
33
NOTES: (1) Single-side layout on 0.062 inch FR4, 1 oz copper. (2) Three-layer layout on 0.062 inch FR4, 1 oz copper.
(3) Aluminum 0.062 inch substrate, 0.003 insulation, one layer, 1 oz copper (Thermal Clad, Bergqueist Co.)
FIGURE 2. Circuit Board Layout.
TJ = TA + PD θJA
Thermal ground (leads 7, 8, 9, 20, 21, 22).
Connect to circuit ground or leave open-circuit.
4.7µF
Tantalum
T18
T1
TERMPWR
REG5608
Reg
Out
Disconnect
SCSI Parallel Bus
4.7µF Tantalum
4V to 5.25V
14
+
15
2
27
Low = Termination On
High = Disconnect
1
Gnd
28
+
(18 Lines)
To
Controller
Tranceivers
To other SCSI Devices
and opposite-end
termination


Similar Part No. - REG5608E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
REG5601E BURR-BROWN-REG5601E Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
REG5601U BURR-BROWN-REG5601U Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
More results

Similar Description - REG5608E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5608 TI-UC5608 Datasheet
230Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com