Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

REG5608 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. REG5608
Description  LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

REG5608 Datasheet(HTML) 1 Page - Burr-Brown (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REG5608
FEATURES
q ACTIVE 18-Line TERMINATOR
q 2pF CAPACITANCE PER LINE
IMPORTANT FOR SCSI FAST-20
q ON-CHIP TERMINATION RESISTORS
q ALL TERMINATIONS DISCONNECT WITH
SINGLE LOGIC SIGNAL
q 325mA CURRENT SINKING FOR ACTIVE
NEGATION
q 22.4mA PER LINE DURING ASSERTION
q CURRENT LIMIT AND THERMAL LIMIT
q HOT-SOCKET CAPABLE
q 28-Lead SOIC and SSOP PACKAGES
DESCRIPTION
The REG5608 is a low capacitance 18-line active
terminator for SCSI (Small Computer Systems
Interface) parallel bus systems. On-chip resistors and
voltage regulator provide the prescribed SCSI bus
termination. Low line capacitance (2pF) meets
requirements for high data rate systems.
All terminations can be disconnected from the bus
with a single logic control line. In the disconnect
mode, output lines remain high impedance with or
without power applied. This allows “hot socket”
equipment plugging as required for “plug and play”
applications.
The internal voltage regulator is temperature-compen-
sated to assure proper termination characteristics over
a wide operating range. Output current and thermal
limit circuitry protect against damage.
The REG5608 is available in 28-lead SOIC and
fine-pitch SSOP packages and is specified for 0
°C to
70
°C operation.
®
LOW CAPACITANCE 18-Line SCSI
ACTIVE TERMINATOR
REG5608
REG5608
TERMPWR
Disconnect
Thermal
Limit
2.9V
Regulator
Reg Out
110
110
110
(18 lines)
SCSI
Termination
Lines
Switch
Drive
Current
Limit
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
• Street Address: 6730 S. Tucson Blvd. • Tucson, AZ 85706
Tel: (520) 746-1111 • Twx: 910-952-1111 • Cable: BBRCORP
• Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
© 1995 Burr-Brown Corporation
PDS-1305
Printed in U.S.A. November, 1995


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn