Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG5608 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG5608
Description  LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG5608 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REG5608 Datasheet HTML 1Page - Burr-Brown (TI) REG5608 Datasheet HTML 2Page - Burr-Brown (TI) REG5608 Datasheet HTML 3Page - Burr-Brown (TI) REG5608 Datasheet HTML 4Page - Burr-Brown (TI) REG5608 Datasheet HTML 5Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
®
REG5608
TYPICAL PERFORMANCE CURVES
TA = 25°C, TERMPWR = 4.75V unless otherwise noted.
APPLICATION INFORMATION
Figure 1 shows a typical SCSI parallel bus termination
circuit. Bypass capacitors should be connected to TERMPWR
and Reg Out pins as shown.
Line capacitance of the REG5608 has been reduced to less
than one-fourth that of the first-generation integrated
terminator ICs. Capacitance difference between package
types and variation by pin number is shown in the typical
performance curve, “Line Capacitance vs Pin Number.” It
shows that the SSOP package provides the lowest capaci-
tance with typical values under 2pF. This variation is
produced primarily by the differences in the interconnection
length to the IC. Of course, actual line capacitance on a
circuit board is generally determined by circuit board layout.
To achieve lowest line capacitance, minimize the total circuit
board interconnection length from the interface cable to the
SCSI transceiver IC and to the REG5608 terminator.
THERMAL CONSIDERATIONS
The REG5608 has internal current limit and thermal
shutdown that protect it from damage in case of output
short-circuit or overload. The current limit is approxi-
mately 550mA and thermal shutdown activates at a
junction temperature of approximately 145
°C. For good
long-term reliability, the junction temperature should not
exceed 125
°C. Any tendency to activate the thermal
shutdown during normal operation is an indication of
inadequate heat sinking and/or excessive power
dissipation.
The terminator's internal power is dissipated primarily by
conduction through the package leads to circuit board traces.
It is important to connect the six thermal ground leads (7, 8,
9, 20, 21, 22) to a large circuit trace—see Figure 2. Typical
measured values of thermal resistance for various circuit
board materials are shown. These are approximate values.
Variations in circuit board pattern, mounting techniques, air
flow, proximity to other circuit boards and heat sources will
affect thermal performance.
A simple experiment will determine whether the actual circuit
board layout is adequate (i.e.,
θ
BA is low enough) so that the
maximum recommended junction temperature of the REG5608
will not be exceeded. The procedure uses the internal thermal
shutdown feature of the REG5608 (at TJ ≈ 145°C) to
determine when the junction is approximately 20
°C above the
maximum recommended junction temperature (TJ = 125°C).
Operate the circuit with normal or other desired test electrical
conditions. Increase the ambient temperature and determine
the value at which thermal limit occurs (by sensing a sudden
drop in VREG output). At this point TJ is approximately 145°C.
If this occurs at an ambient temperature of more than 20
°C
above the system ambient temperature design goal, the TJ will
not exceed 125
°C under the same electrical conditions when
the ambient temperature is at the system design goal value.
TERMINATION CURRENT vs TEMPERATURE
Temperature (°C)
23
22
21
20
19
–25
0
25
50
75
100
125
V
LINE = 0.5V
LINE CAPACITANCE vs PIN NUMBER
Pin Number
10
8
6
4
2
0
23456
10
11
12
13
27
26
25
24
23
19
18
17
16
First-Generation Terminator
REG5608U SOIC Package
REG5608E SSOP Package


Similar Part No. - REG5608

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
REG5601E BURR-BROWN-REG5601E Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
REG5601U BURR-BROWN-REG5601U Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
More results

Similar Description - REG5608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5608 TI-UC5608 Datasheet
230Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
[Old version datasheet]   18-Line Low Capacitance SCSI Active Terminator
UC5604 TI-UC5604 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5612 TI-UC5612 Datasheet
279Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
   18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5613 TI-UC5613 Datasheet
244Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UC5604DP TI-UC5604DP Datasheet
202Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
[Old version datasheet]   18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UC5605 TI-UC5605 Datasheet
245Kb / 5P
[Old version datasheet]   9-Line Low Capacitance SCSI Active Terminator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com