Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6722 Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6722
Description  14-A Low-Voltage Programmable Integrated Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6722 Datasheet(HTML) 4 Page - Texas Instruments

  PT6722 Datasheet HTML 1Page - Texas Instruments PT6722 Datasheet HTML 2Page - Texas Instruments PT6722 Datasheet HTML 3Page - Texas Instruments PT6722 Datasheet HTML 4Page - Texas Instruments PT6722 Datasheet HTML 5Page - Texas Instruments PT6722 Datasheet HTML 6Page - Texas Instruments PT6722 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Operating Features of the Programmable
PT6700 “Excalibur™” Series ISRs
Power Good
Programmable versions of the PT6700 Series regulators
incorporate a PWR Good output (pin 2). This output is
open-drain and generates an acitve-high signal when the
sensed output from the ISR is within a nominal ±10% of
the programmed set point. When the regulated output is
outside this range, pin 2 asserts a logic low (typically <0.1V). A
10-k
Ω pull-up resistor to a valid bus voltage is required.
If the power good feature is not used, the pull-up resistor
can be omitted. The maximum voltage that may be ap-
plied to the pull-up resistor is 15V.
Over-Voltage Protection (OVP)
The PT6700 programmable regulators also incorporate
an OVP function. The OVP DRV (pin 1) normally has a
logic low output (typically <0.1V). When the ISR’s sensed
output exceeds the programmed output setting by 15%,
pin 1 produces a 60mA, +12V drive signal. This drive
signal can trigger an SCR, which can be used to disable
the input voltage (via a fuse), or alternatively interface to
another external monitoring device. When the ISR output
voltage returns to within 15% of its programmed setting,
pin 1 reverts back to its low state. If the OVP function is
not used, pin 1 may be left open circuit.
Stand-By Function
The PT6700 series ISRs incorporate a standby function.
This feature may be used for power-up sequencing, or
wherever there is a requirement for the output voltage
to be controlled by external circuitry.
If the STBY* input (pin 8) is left open-circuit the regulator
operates normally, providing a regulated output when a
valid supply voltage is applied to Vin (pins 10-12) with
respect to GND (pins 14-18). Connecting pin 8 to ground1
places the regulator in standby mode 2, and reduces the input
current to typically 20mA (30mA max). Applying a ground
signal to pin 8 prior to power-up, will disable the output
during the period that input power is applied. To ensure
that the regulator output is properly enabled, pin 8 must
be open circuit.
Table 1 Standby Control Requirements 2
Parameter
Min
Typ
Max
Enable
Open Cct. 1
Disable
-0.1V
0.4V
1.0V
Istby
10µA
Figure 1
Figure 2
C
out
+
C
in
+
5V
COM
Inhibit
L
O
A
D
V
o
=2.5V
COM
Q1
BSS138
PT6700
76
543
2 3
19-22
13
8
14-18
2
10-12
Vo
Vin
GND
SNS(+)
SNS(-)
Pwr
Good
STBY
VID4 - VID0
1
OVP
R1
10k
OVP DRV
Pwr
Good
PT6701/6702/6703, & PT6721/6722
0
5
10
15
20
25
30
35
40
t (milli - secs)
Iin (5A/Div)
Vout (2V/Div)
VPWGD (10V/Div)
Notes:
1. The standby on a PT6700 series regulator must be controlled
with an open-drain low-leakage (<100nA) MOSFET (See
fig. 1). Table 1 gives the threshold requirements. Do Not use a
pull-up resistor. The control input has an open-circuitvoltageof
between 4Vdc and 5Vdc. To set the regulator output to zero,
the control pin must be “pulled” to less than 1.0Vdc by sinking
current to ground.
2. When placed in the standby mode, the regulator output may
assert a low impedance to ground. If an external voltage is
applied to the output, it will sink current and possibly over-
stress the part.
Turn-On Time
Turning Q1 in Figure 1 off, removes the low-voltage signal
at pin 8. After a 10-15ms delay the regulator output
rises and reaches full output voltage within 30ms. Fig. 2
shows the typical waveforms of a PT6701 following the
prompt turn-off of Q1 at time t =0 secs. The output volt-
age was set to 2.5V, and the waveforms were measured
with a 5V input source, and 10A resistive load.


Similar Part No. - PT6722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6721 TI-PT6721 Datasheet
118Kb / 3P
[Old version datasheet]   13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Everlight Electronics C...
PT6721B EVERLIGHT-PT6721B Datasheet
170Kb / 8P
   high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
PT6721C EVERLIGHT-PT6721C Datasheet
163Kb / 10P
   Top Phototransistor
PT6721C2 EVERLIGHT-PT6721C2 Datasheet
170Kb / 8P
   high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
PT6721L41 EVERLIGHT-PT6721L41 Datasheet
170Kb / 8P
   high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
More results

Similar Description - PT6722

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com