Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE70A1000 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE70A1000
Description  TECHNICAL DATA SHEET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A1000 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE70A1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE70A1000 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
TECHNICAL DATA SHEET
PE70A1000
PE70A1000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0 to 40 dB Voltage Variable Attenuator, 400 MHz To 6 GHz SMA PE70A1000
Delay ON Time
Measured @ 4GHz, 5dBm with a Crystal Detector
Channel 1 (Yellow Trace):
RF output
Channel 2 (Green Trace):
10 Volt Input from Signal Generator
Measured @ 4GHz, 5dBm with a Crystal Detector
Channel 1 (Yellow Trace):
RF output
Channel 2 (Green Trace):
10 Volt Input from Signal Generator
0 to 40 dB Voltage Variable Attenuator, 400 MHz To 6 GHz SMA


Similar Part No. - PE70A1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE70A1001 PASTERNACK-PE70A1001 Datasheet
344Kb / 3P
   TECHNICAL DATA SHEET
PE70A1008 PASTERNACK-PE70A1008 Datasheet
343Kb / 3P
   TECHNICAL DATA SHEET
PE70A1009 PASTERNACK-PE70A1009 Datasheet
270Kb / 5P
   Power Dividers Technical Data Sheet
More results

Similar Description - PE70A1000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com