Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C180B Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C180B
Description  Precision 1-18 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C180B Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C180B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C180B Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8468
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C180B
Precision 1-18 Clock Buffer
SDRAM Clock Buffer Operating Specification
AC Timing
DC Operating Specifications (VDD = +3.3V ±5%, TA = 0°C –70°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
ti
n
U
e
g
a
tl
o
V
t
u
p
n
I
V H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
n
IV D
D
0
.
2V D
D
3
.
0
+
V
V L
I
e
g
a
tl
o
v
w
o
l
t
u
p
n
IV S
S
3
.
0
-8
.
0
I L
I
t
n
e
rr
u
c
e
g
a
k
a
el
t
u
p
n
IV
<
0
N
I
V
<
D
D
5
–5
+A
m
V D
D
%
5
±
V
3
.
3
=
]
9
-
0
[
V H
O
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
OI H
O
A
m
1
–
=4
.
2
V
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
OI L
O
A
m
1
=4
.
0
C T
U
O
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
t
u
O6
F
p
C N
I
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
n
I5
L N
I
P
e
c
n
a
t
c
u
d
n
I
n
i
P7
H
n
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
ei
b
m
Aw
o
lf
ri
A
o
N0
0
7C
°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
2
=0
4
–
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
3
1
.
3
=6
3
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
0
.
1
=0
4
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
4
.
0
=8
3
t H
R
M
A
R
D
S
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
O
y
l
n
o
M
A
R
D
S
%
5
±
V
3
.
3
V
4
.
2
-
V
4
0
@
5
.
14
s
n
/
V
t H
T
M
A
R
D
S
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
O
y
l
n
o
M
A
R
D
S
%
5
±
V
3
.
3
V
4
.
0
-
V
4
.
2
@
5
.
14
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
z
H
M
6
6z
H
M
0
0
1z
H
M
3
3
1
s
ti
n
U
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t
P
K
D
S
d
o
ir
e
p
K
L
C
M
A
R
D
S0
.
5
15
.
5
10
.
0
15
.
0
15
.
78
.
7
s
n
t
H
K
D
S
e
m
it
h
g
i
h
K
L
C
M
A
R
D
S6
.
53
.
30
.
1
t
L
K
D
S
e
m
it
w
o
l
K
L
C
M
A
R
D
S3
.
51
.
30
.
1
t
E
S
I
R
D
S
e
m
it
e
si
r
K
L
C
M
A
R
D
S5
.
10
.
45
.
10
.
45
.
10
.
4
s
n
/
V
t
L
L
A
F
D
S
e
m
it
ll
a
f
K
L
C
M
A
R
D
S5
.
10
.
45
.
10
.
45
.
10
.
4
t H
L
P
y
al
e
d
p
o
r
p
H
L
r
e
ff
u
B
M
A
R
D
S0
.
15
.
50
.
15
.
50
.
15
.
5
s
n
t L
H
P
y
al
e
d
p
o
r
p
L
H
r
e
ff
u
B
M
A
R
D
S0
.
15
.
50
.
15
.
50
.
15
.
5
t L
Z
P
t, H
Z
P
y
al
e
d
el
b
a
n
E
r
e
ff
u
B
M
A
R
D
S0
.
10
.
80
.
10
.
80
.
10
.
8
t Z
L
P
t, Z
H
P
y
al
e
d
el
b
a
si
D
r
e
ff
u
B
M
A
R
D
S0
.
10
.
80
.
10
.
80
.
10
.
8
el
c
y
C
y
t
u
DV
5
.
1
t
a
d
e
r
u
s
a
e
M5
45
55
45
55
45
5%
t
W
K
S
D
S
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
M
A
R
D
S0
5
20
5
20
5
2s
p


Similar Part No. - PI6C180B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182AH PERICOM-PI6C182AH Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BH PERICOM-PI6C182BH Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
More results

Similar Description - PI6C180B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com