Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM185-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM185-12
Description  7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM185-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM185-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM185-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM185-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM185-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
Three Terminal +5V, +12V, +15V, Low Dropout
TO-257/TO-258 Fixed Voltage Regulators
4 11 R2
Supersedes 1 07 R1
7.5A, 5A, 3A, 1.5A LOW DROPOUT
FIXED VOLTAGE POSITIVE REGULATORS
FEATURES
• +5V, +12V, and +15V Output Voltage
• Operates Down to 1V Dropout
• .015% Line Regulation / .01% Load Regulation
• Output Voltage Trimmed to ±1%
• Hermetic TO-257 and TO-258 Isolated Package
DESCRIPTION
These three terminal positive fixed voltage regulators are designed to provide 7.5A,
5A, 3A, and 1.5A with higher efficiency than conventional voltage regulators. The
devices are designed to operate to 1 Volt input to output differential and the dropout
voltage is specified as a function of load current. All devices are pin compatible with
older three terminal regulators. Supplied in the easy-to-use hermetic metal TO-257
and TO-258 JEDEC packages, these devices are ideally suited for Military
applications where small size, hermeticity and high reliability are required.
ABSOLUTE MAXIMUM RATINGS
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Output Current -OM183-5, 12, 15SC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5 A
OM184-5, 12, 15SC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 A
OM185-5, 12, 15ST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 A
OM186-5, 12, 15ST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 A
Note: OM183SC and OM184SC products are packaged in the TO-258 Package (7.5A & 5A).
OM185ST and OM186ST products are packaged in the TO-257 Package (3A & 1.5A).
Part Number Designator
OM183-5SC
Omnirel
Output Output Package
Current Voltage
Type
OM185-5, 12, 15ST
OM186-5, 12, 15ST
OM183-5, 12, 15SC
OM184-5, 12, 15SC


Similar Part No. - OM185-12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM185-12 IRF-OM185-12 Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM185-12NM IRF-OM185-12NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OM185-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com