Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1301 Datasheet(PDF) 17 Page - New Japan Radio

Part # NJW1301
Description  SIGNAL PROCESSOR FOR COLOR TFT FOR NTSC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1301 Datasheet(HTML) 17 Page - New Japan Radio

Back Button NJW1301 Datasheet HTML 13Page - New Japan Radio NJW1301 Datasheet HTML 14Page - New Japan Radio NJW1301 Datasheet HTML 15Page - New Japan Radio NJW1301 Datasheet HTML 16Page - New Japan Radio NJW1301 Datasheet HTML 17Page - New Japan Radio NJW1301 Datasheet HTML 18Page - New Japan Radio NJW1301 Datasheet HTML 19Page - New Japan Radio NJW1301 Datasheet HTML 20Page - New Japan Radio NJW1301 Datasheet HTML 21Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
NJW1301
-15-
s EQUIVALENT CIRCUIT
PIN NO.
SYMBOL
FUNCTION
INSIDE EQIVALENT CIRCUIT
5
VCOM
CENT
Adjust the center of VCOM voltage
Adjustable range: VCOMCENT=1.2
±1.5V
6
VCOMFB
VCOM feedback signal
Input the feedback signal (VCOMOUT) through
the discrete transistor buffer
7
VCOM
OUT
VCOM signal output
Drive the common by connect discrete transistor
8
VEE1
Connect –5V supply at lowest voltage
36K
VCC3
VEE1
VEE1
100
VCC3
VEE1
VEE1
50K
200
75K
VCC3
VEE1
VEE1


Similar Part No. - NJW1301

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
NJW1300AFG1 NJRC-NJW1300AFG1 Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
NJW1300B NJRC-NJW1300B Datasheet
242Kb / 27P
   SIGNAL PROCESSOR FOR COLOR TFT
NJW1300BFG1 NJRC-NJW1300BFG1 Datasheet
242Kb / 27P
   SIGNAL PROCESSOR FOR COLOR TFT
logo
ON Semiconductor
NJW1302G ONSEMI-NJW1302G Datasheet
89Kb / 7P
   Complementary NPN-PNP Silicon Power Bipolar Transistors
January, 2008 - Rev. 0
More results

Similar Description - NJW1301

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1300B NJRC-NJW1300B Datasheet
242Kb / 27P
   SIGNAL PROCESSOR FOR COLOR TFT
NJM2527 NJRC-NJM2527 Datasheet
301Kb / 34P
   COLOR TFT SIGNAL PROCESSOR
logo
List of Unclassifed Man...
NJM2529 ETC1-NJM2529 Datasheet
325Kb / 38P
   COLOR TFT SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
   Video Signal Processor IC for PAL/NTSC Color-TV
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
AN2101FH PANASONIC-AN2101FH Datasheet
43Kb / 2P
   NTSC/PAL signal processor IC for 510H color CCD cameras
AN5163K PANASONIC-AN5163K Datasheet
696Kb / 10P
   NTSC COLOR TV SIGNAL PROCESSOR IC
logo
Sanyo Semicon Device
LA7672 SANYO-LA7672 Datasheet
155Kb / 6P
   Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
LA7674 SANYO-LA7674 Datasheet
155Kb / 6P
   Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)?
logo
Rohm
BA7267F ROHM-BA7267F Datasheet
141Kb / 4P
   Color Signal Processor for APCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com