Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC786820E Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC786820E
Description  Compressed Audio Signal Processor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786820E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC786820E Datasheet HTML 7Page - ON Semiconductor LC786820E Datasheet HTML 8Page - ON Semiconductor LC786820E Datasheet HTML 9Page - ON Semiconductor LC786820E Datasheet HTML 10Page - ON Semiconductor LC786820E Datasheet HTML 11Page - ON Semiconductor LC786820E Datasheet HTML 12Page - ON Semiconductor LC786820E Datasheet HTML 13Page - ON Semiconductor LC786820E Datasheet HTML 14Page - ON Semiconductor LC786820E Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LC786820E
www.onsemi.com
11
Pin
No.
Pin name
I/O
State when
"Reset"
Function
33
GP30
I/O
Input(L)
General purpose I/O port with pull down resistor
UART2 data transmit (exclusive with GP46)
External interruption function 3
(exclusive with GP13, GP31, GP43 and GP47)
LR clock input/output 2 for Audio interface
LR clock input 2 for Stream data interface
34
GP31
I/O
Input(L)
General purpose I/O port with pull down resistor
UART2 data receive (exclusive with GP47)
External interruption function 3
(exclusive with GP13, GP30, GP43 and GP47)
Bit clock input/output 2 for Audio interface
Bit clock input/output 2 for Stream data interface
35
GP32
I/O
Input(L)
General purpose I/O port with pull down resistor
Data 1 input/output for SD memory card
Data input/output 2 for Audio interface
Data input/output 2 for Stream data interface
36
GP33
I/O
Input(L)
General purpose I/O port with pull down resistor
Data 0 input/output for SD memory card
Clock(Fs384) input/output 2 for Audio DAC
Request flag input/output 2 for Stream data interface
37
GP34
I/O
Input(L)
General purpose I/O port with pull down resistor
Clock output for SD memory card
Transmit data output for serial communication 3 (exclusive with GP50)
Block synchronization signal (SBSY) input for CD subcode
(exclusive with GP44)
38
GP35
I/O
Input(L)
General purpose I/O port with pull down resistor
Command input/output for SD memory card
Master clock output for serial communication 3 (exclusive with GP51)
Frame synchronization signal (SFSY) input for CD subcode
(exclusive with GP45)
39
GP36
I/O
Input(L)
General purpose I/O port with pull down resistor
Data 3 input/output for SD memory card
Receive data input for serial communication 3 (exclusive with GP52)
Data (PW) input for CD subcode (exclusive with GP46)
40
GP37
I/O
Input(L)
General purpose I/O port with pull down resistor
Data 2 input/output for SD memory card
Data transmit clock (SBCK) output for CD subcode (exclusive with GP47)
41
DVDD
Digital system power supply
42
DVSS
Digital system ground. This pin must be connected to the 0 V level.
43
REG1EXTR
AO
Unknown
Reserved pin for internal regulator. This pin must be left open.
44
DVDD12_2
AO
H
Capacitor connection pin for internal regulator (1.2 V for internal)
45
GP10
I/O
Input(L)
General purpose I/O port with pull down resistor
UART1 data transmit (exclusive with GP06)
IIC (master) clock output (exclusive with GP04 and GP40)
46
GP11
I/O
Input(L)
General purpose I/O port with pull down resistor
UART1 data receive (exclusive with GP07)
IIC (master) data input/output (exclusive with GP05 and GP41)
47
GP12
I/O
Input(L)
General purpose I/O port with pull down resistor
External interruption function 2 (exclusive with GP42 and GP46)
Clock control input 1
Watch Dog Timer state monitor output
48
GP13
I/O
Input(L)
General purpose I/O port with pull down resistor
External interruption function 3
(exclusive with GP30, GP31, GP43 and GP47)
Clock control input 2
Watch Dog Timer state monitor output


Similar Part No. - LC786820E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results

Similar Description - LC786820E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Sanyo Semicon Device
LC786800E SANYO-LC786800E Datasheet
230Kb / 26P
   Compressed Audio signal Processor IC with USB host controller
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Princeton Technology Co...
PT2319 PTC-PT2319 Datasheet
362Kb / 17P
   Audio Processor IC
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
   AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340G STMICROELECTRONICS-TDA7340G Datasheet
205Kb / 27P
   AUDIO SIGNAL PROCESSOR
September 1999
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
   AUDIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com