Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75886PW-H Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC75886PW-H
Description  Duty LCD Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75886PW-H Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC75886PW-H Datasheet HTML 7Page - ON Semiconductor LC75886PW-H Datasheet HTML 8Page - ON Semiconductor LC75886PW-H Datasheet HTML 9Page - ON Semiconductor LC75886PW-H Datasheet HTML 10Page - ON Semiconductor LC75886PW-H Datasheet HTML 11Page - ON Semiconductor LC75886PW-H Datasheet HTML 12Page - ON Semiconductor LC75886PW-H Datasheet HTML 13Page - ON Semiconductor LC75886PW-H Datasheet HTML 14Page - ON Semiconductor LC75886PW-H Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LC75886PW
www.onsemi.com
11
(2) When CL is stopped at the high level
Note: B0 to B3, A0 to A3 ······ CCB address
DD ························· Direction data
 CCB address ········“42H”
 D1 to D171 ··········Display data
 OC ····················RC oscillator operating mode/external clock operationg mode switching control data
 PC50, PC51 ·········General-purpose output port/clock output port/segment output port switching control data
 KSC ··················Key scan operation enabled/disabled state setting control data
 S0, S1 ················Sleep control data
 K0, K1 ···············Key scan output/segment output switching control data
 P0 to P2 ··············Segment output port/general-purpose output port switching control data
 SC ····················Segment on/off control data
 FC0 to FC2 ··········Common and segment output waveform frame frequency control data
B1
B0
D2
D1
1
0
D50
KSC
DD
(3 bits)
Control data (12 bits)
Display data (57 bits)
DI
CL
CE
0
0
0
D53
1
0
0
B3
B2
A1
A0
A3
A2
D51
D55
D54
D56
SC
P2
P1
P0
0
0
1
K1
S0 S1 K0
D52
D47 D48 D49
PC51
PC50
OC
D57
DO
B1
B0
D59
D58
1
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
FC2
FC1
FC0
0
1
0
1
0
0
0
0
0
0
0
0
D114
D113
D112
D111
D110
D109
D108
D107
D106
D105
D104
B1
B0
1
0
0
0
0
1
0
0
B3
B2
A1
A0
A3
A2
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
D171
D170
D169
D168
D167
D166
D165
D164
D163
D162
D161
D116
D115
DD
(3 bits)
Control data (12 bits)
Display data (57 bits)
DD
(3 bits)
Fixed data (12 bits)
Display data (57 bits)


Similar Part No. - LC75886PW-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW Datasheet
436Kb / 36P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
More results

Similar Description - LC75886PW-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75806PT ONSEMI-LC75806PT_17 Datasheet
487Kb / 36P
   Duty LCD Driver
June 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
logo
Rohm
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
logo
Rohm
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com