Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75879PT-H Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75879PT-H
Description  Duty General-Purpose LCD Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75879PT-H Datasheet(HTML) 3 Page - ON Semiconductor

  LC75879PT-H Datasheet HTML 1Page - ON Semiconductor LC75879PT-H Datasheet HTML 2Page - ON Semiconductor LC75879PT-H Datasheet HTML 3Page - ON Semiconductor LC75879PT-H Datasheet HTML 4Page - ON Semiconductor LC75879PT-H Datasheet HTML 5Page - ON Semiconductor LC75879PT-H Datasheet HTML 6Page - ON Semiconductor LC75879PT-H Datasheet HTML 7Page - ON Semiconductor LC75879PT-H Datasheet HTML 8Page - ON Semiconductor LC75879PT-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LC75879PT
www.onsemi.com
3
Electrical Characteristics for the Allowable Operating Ranges
Parameter
Symbol
Pin
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.03VDD
V
Input high level
current
IIH1
CE, CL, DI, INH
VI = 6.3 V
5.0
A
IIH2
OSCI
VI = VDD: External
clock operating mode
5.0
Input low level
current
IIL1
CE, CL, DI, INH
VI = 0 V
5.0
A
IIL2
OSCI
VI = 0 V: External
clock operating mode
5.0
Output high level
voltage *1
VOH1
S1 to S69
IO = 20 A
VDD00.9
V
VOH2
COM1 to COM4
IO = 100 A
VDD00.9
VOH3
P1 to P8
IO = 1mA
VDD0.9
Output low level
voltage
VOL1
S1 to S69
IO = 20 A
0.9
V
VOL2
COM1 to COM4
IO = 100 A
0.9
VOL3
P1 to P8
IO = 1 mA
0.9
Output middle
level
voltage
*1
*2
VMID1
S1 to S69
1/3 bias IO = 20 A
2/3VDD0
0.9
2/3VDD0
+0.9
V
VMID2
S1 to S69
1/3 bias IO = 20 A
1/3VDD0
0.9
1/3VDD0
+0.9
VMID3
COM1 to COM4
1/3 bias IO = 100 A
2/3VDD0
0.9
2/3VDD0
+0.9
VMID4
COM1 to COM4
1/3 bias IO = 100 A
1/3VDD0
0.9
1/3VDD0
+0.9
Oscillator
frequency
fosc
Internal
oscillator circuit
Internal oscillator
operating mode
240
300
360
kHz
Current drain
IDD1
VDD
Power-saving mode
100
A
IDD2
VDD
VDD = 6.3 V
Output open
Internal oscillator
operating mode
1000
2000
IDD3
VDD
VDD = 6.3 V
Output open
External clock
operating mode
fCK = 300 kHz
VIH2 = 0.5VDD
VIL2 = 0.1VDD
1000
2000
Note: *1. VDD0 = 0.70VDD to VDD
Note: *2. Excluding the bias voltage generation divider resistors built in the VDD1 and VDD2. (See Figure 1.)
To the common and segment drivers
[Figure 1]
VDD2
VDD1
Except these resistors.
CONTRAST
ADJUSTER
VDD
VSS
VDD0
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC75879PT-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
   Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
More results

Similar Description - LC75879PT-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com