Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75878WS-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC75878WS-E
Description  Duty General-Purpose LCD Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75878WS-E Datasheet(HTML) 2 Page - ON Semiconductor

  LC75878WS-E Datasheet HTML 1Page - ON Semiconductor LC75878WS-E Datasheet HTML 2Page - ON Semiconductor LC75878WS-E Datasheet HTML 3Page - ON Semiconductor LC75878WS-E Datasheet HTML 4Page - ON Semiconductor LC75878WS-E Datasheet HTML 5Page - ON Semiconductor LC75878WS-E Datasheet HTML 6Page - ON Semiconductor LC75878WS-E Datasheet HTML 7Page - ON Semiconductor LC75878WS-E Datasheet HTML 8Page - ON Semiconductor LC75878WS-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LC75878W
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
0.3 to +7.0
V
VLCD max
VLCD
0.3 to +12.0
Input voltage
VIN1
CE, CL, DI, INH
0.3 to +7.0
V
VIN2
OSC
0.3 to VDD+0.3
VIN3
VLCD1, VLCD2, VLCD3, VLCD4
0.3 to VLCD+0.3
Output voltage
VOUT1
OSC, P1 to P4
0.3 to VDD+0.3
V
VOUT2
VLCD0, S1 to S75, COM1 to COM10
0.3 to VLCD+0.3
Output current
IOUT1
S1 to S75
300
A
IOUT2
COM1 to COM10
3
mA
IOUT3
P1 to P4
5
Allowable power dissipation
Pd max
Ta = 85
C
200
mW
Operating temperature
Topr
40 to +85
C
Storage temperature
Tstg
55 to +125
C
Allowable Operating Ranges at Ta = 40 to +85C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
VDD
2.7
6.0
V
VLCD
VLCD, When the display contrast
adjustment circuit is used
7.0
11.0
VLCD
VLCD, When the display contrast
adjustment circuit is not used
4.5
11.0
Output voltage
VLCD0
VLCD0
VLCD4
+4.5
VLCD
V
Input voltage
VLCD1
VLCD1
3/4(VLCD0
VLCD4)
VLCD0
V
VLCD2
VLCD2
2/4(VLCD0
VLCD4)
VLCD0
VLCD3
VLCD3
1/4(VLCD0
VLCD4)
VLCD0
VLCD4
VLCD4
0
1.5
Input high level voltage
VIH
CE, CL, DI, INH
0.8VDD
6.0
V
Input low level voltage
VIL
CE, CL, DI, INH
0
0.2VDD
V
Recommended external
resistance
ROSC
OSC
43
kΩ
Recommended external
capacitance
COSC
OSC
680
pF
Guaranteed oscillation range
fOSC
OSC
25
50
100
kHz
Data setup time
tds
CL, DI
[Figure 2]
160
ns
Data hold time
tdh
CL, DI
[Figure 2]
160
ns
CE wait time
tcp
CE, CL
[Figure 2]
160
ns
CE setup time
tcs
CE, CL
[Figure 2]
160
ns
CE hold time
tch
CE, CL
[Figure 2]
160
ns
High level clock pulse width
t
H
CL
[Figure 2]
160
ns
Low level clock pulse width
t
L
CL
[Figure 2]
160
ns
INH switching time
tc
INH, CE
[Figure 3], [ Figure 4], [ Figure 5]
10
s
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC75878WS-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75878W SANYO-LC75878W Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878W SANYO-LC75878W Datasheet
263Kb / 35P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75878W ONSEMI-LC75878W Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - LC75878WS-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com