Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75857E-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC75857E-E
Description  Duty LCD Driver with Key Input Function
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75857E-E Datasheet(HTML) 1 Page - ON Semiconductor

  LC75857E-E Datasheet HTML 1Page - ON Semiconductor LC75857E-E Datasheet HTML 2Page - ON Semiconductor LC75857E-E Datasheet HTML 3Page - ON Semiconductor LC75857E-E Datasheet HTML 4Page - ON Semiconductor LC75857E-E Datasheet HTML 5Page - ON Semiconductor LC75857E-E Datasheet HTML 6Page - ON Semiconductor LC75857E-E Datasheet HTML 7Page - ON Semiconductor LC75857E-E Datasheet HTML 8Page - ON Semiconductor LC75857E-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
July 2017 - Rev. 1
LC75857E_W/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 42 of this data sheet.
* Computer Control Bus (CCB) is an ON Semiconductor’s original bus format and
the bus addresses are controlled by ON Semiconductor.
LC75857E, LC75857W
1/3, 1/4-Duty LCD Driver
with Key Input Function
Overview
The LC75857E and LC75857W are 1/3 duty and 1/4 duty LCD display
drivers that can directly drive up to 164 segments and can control up to four
general-purpose output ports. These products also incorporate a key scan
circuit that accepts input from up to 30 keys to reduce printed circuit board
wiring.
Features
 Key input function for up to 30 keys
(A key scan is performed only when a key is pressed.)
 1/3 duty and 1/4 duty drive schemes can be controlled from serial data.
 1/2 bias and 1/3 bias drive schemes can be controlled from serial data.
 Capable of driving up to 126 segments using 1/3 duty and up to 164
segments using 1/4 duty.
 Sleep mode and all segments off functions that are controlled from serial
data.
 Switching between key scan output and segment output can be controlled
from the serial data.
 The key scan operation enabled/disabled state can be controlled from the
serial data.
 Switching between segment output port and general-purpose output port
can be controlled from serial data.
 The common and segment output waveform frame frequency can be
controlled from the serial data.
 Switching between RC oscillator mode and external clock mode can be
controlled from the serial data.
 Serial data I/O supports CCB* format communication with the system
controller.
 Direct display of display data without the use of a decoder provides high
generality.
 Independent VLCD for the LCD driver block.
(When the logic block supply voltage VDD is in the range 3.6 to 6.0 V,
VLCD can be set to a voltage in the range 0.75
VDD to 6.0 V, and when
VDD is in the range 2.7 to 3.6 V, VLCD can be set to a voltage in the range
2.7 to 6.0 V.)
 Provision of an on-chip voltage-detection type reset circuit prevents
incorrect displays.
PQFP64 14x14 / QIP64E
[LC75857E]
SPQFP64 10x10 / SQFP64
[LC75857W]


Similar Part No. - LC75857E-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75857E ONSEMI-LC75857E Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
More results

Similar Description - LC75857E-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com