Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75852E-E Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC75852E-E
Description  1/2-Duty LCD Driver with Key Input Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75852E-E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC75852E-E Datasheet HTML 5Page - ON Semiconductor LC75852E-E Datasheet HTML 6Page - ON Semiconductor LC75852E-E Datasheet HTML 7Page - ON Semiconductor LC75852E-E Datasheet HTML 8Page - ON Semiconductor LC75852E-E Datasheet HTML 9Page - ON Semiconductor LC75852E-E Datasheet HTML 10Page - ON Semiconductor LC75852E-E Datasheet HTML 11Page - ON Semiconductor LC75852E-E Datasheet HTML 12Page - ON Semiconductor LC75852E-E Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Key Scan Operation
1. Key Scan Timing
The key scan period is 375T [s]. The key scan is performed twice to reliably determine the key on/off states, and the
LSI detects key data agreement. When the key data agrees, the LSI determines that a key has been pressed, and outputs
a key read request (by setting DO low) 800T [s] after the key scan started. If a key is pressed again without the key data
agreeing, a key scan is performed once more. Thus key on/off operations shorter than 800T [s] cannot be detected.
*1 The high or low states of these signals in sleep mode are determined by the S0 and S1 control data bits.
2. Key Scan during Normal Mode
• The pins KS1 to KS6 are set high.
• A key scan starts if any key is pressed, and the scan continues until all keys have been released. Multiple key
presses can be recognized by determining if multiple key data bits have been set.
• When a key has been pressed for 800T [s] (where T = 1/f
OSC) or longer, a key data read request (DO is set to low)
is output to the controller. The controller acknowledges this request and reads the key data. However, DO will go
high when CE is high during a serial data transfer.
• After the controller has finished reading the key data, the LSI clears the key data read request (by setting DO high)
and performs another key scan. Note that since DO is an open drain output, a pull-up resistor of between 1 and 10 k
is required.
Page 9
LC75852E, 75852W


Similar Part No. - LC75852E-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
More results

Similar Description - LC75852E-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN7980 ONSEMI-EN7980 Datasheet
431Kb / 39P
   Duty LCD Driver with Key Input Function
July, 2013
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75742E SANYO-LC75742E Datasheet
308Kb / 18P
   1/2 Duty VFD Driver with Key Input Function
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
ON Semiconductor
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
logo
Sanyo Semicon Device
LC75852E SANYO-LC75852E Datasheet
340Kb / 16P
   Asynchronous Silicon Gate 1/2 Duty LCD Driver with On-Chip Key Input Function
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
LC75853NE SANYO-LC75853NE Datasheet
486Kb / 23P
   1/3 Duty LCD Display Drivers with Key Input Function?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com