Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75832W-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75832W-E
Description  Duty Drive General-Purpose LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75832W-E Datasheet(HTML) 3 Page - ON Semiconductor

  LC75832W-E Datasheet HTML 1Page - ON Semiconductor LC75832W-E Datasheet HTML 2Page - ON Semiconductor LC75832W-E Datasheet HTML 3Page - ON Semiconductor LC75832W-E Datasheet HTML 4Page - ON Semiconductor LC75832W-E Datasheet HTML 5Page - ON Semiconductor LC75832W-E Datasheet HTML 6Page - ON Semiconductor LC75832W-E Datasheet HTML 7Page - ON Semiconductor LC75832W-E Datasheet HTML 8Page - ON Semiconductor LC75832W-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LC75832E, LC75832W
www.onsemi.com
3
Electrical Characteristics for the Allowable Operating Ranges
Parameter
Symbol
Pin
Conditions
Ratings
unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1VDD
V
Input high-level
current
IIH1
CE, CL, DI, INH
VI = 6.0 V
5.0
A
IIH2
OSC
VI = VDD
external clock operating mode
5.0
Input low-level
current
IIL1
CE, CL, DI, INH
VI = 0 V
5.0
A
IIL2
OSC
VI = 0 V
external clock operating mode
5.0
Output high-
level voltage
VOH1
S1 to S54
IO = 20 A
VLCD
0.9
V
VOH2
COM1, COM2
IO = 100 A
VLCD
0.9
VOH3
P1 to P4
IO = 1 mA
VLCD
0.9
Output low-level
voltage
VOL1
S1 to S54
IO = 20 A
0.9
V
VOL2
COM1, COM2
IO = 100 A
0.9
VOL3
P1 to P4
IO = 1 mA
0.9
Output
middle-level
voltage
VMID
COM1, COM2
1/2 bias IO = 100 A
1/2VLCD
0.9
1/2VLCD
+0.9
V
Oscillator
frequency
fosc
OSC
RC oscillator operating mode
Rosc = 39kΩ, Cosc = 1000 pF
30.4
38
45.6
kHz
Current drain
IDD1
VDD
Power-saving mode
10
A
IDD2
VDD
VDD = 6.0 V output open
fosc = 38 kHz
250
500
ILCD1
VLCD
Power-saving mode
15
ILCD2
VLCD
VLCD = 6.0 V output open
Static
fosc = 38 kHz
100
200
ILCD3
VLCD
VLCD = 6.0 V output open
1/2 duty
fosc = 38 kHz
1300
2600
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC75832W-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75832W ONSEMI-LC75832W Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - LC75832W-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75841PE ONSEMI-LC75841PE Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com