Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75836WS-T-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC75836WS-T-E
Description  1/4-Duty General-Purpose LCD Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75836WS-T-E Datasheet(HTML) 1 Page - ON Semiconductor

  LC75836WS-T-E Datasheet HTML 1Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 2Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 3Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 4Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 5Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 6Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 7Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 8Page - ON Semiconductor LC75836WS-T-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
June 2017 - Rev. 1
LC75836WS-T/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 17 of this data sheet.
* Computer Control Bus (CCB) is an ON Semiconductor’s original bus format and
the bus addresses are controlled by ON Semiconductor.
LC75836WS-T
1/4-Duty General-Purpose
LCD Driver
Overview
The LC75836WS-T is 1/4-duty general-purpose microprocessor-controlled
LCD driver that can be used in applications such as frequency display in
products with electronic tuning. In addition to being able to drive up to 140
segments directly, the LC75836WS-T can also control up to 4 general-
purpose output ports.
Features
 1/4 duty, 1/3 bias drive (Up to 140 segment can be displayed.)
 Serial data input supports CCB* format communication with the system
controller (support 3 V operation).
 Serial data control of the power-saving mode based backup function and
the all segments forced off function.
 Serial data control of switching between the segment output port and
general-purpose output port functions.
 Serial data control of the frame frequency of the common and segment
output waveforms.
 Either RC oscillator operating or external clock operating mode can be
selected with the serial control data.
 High generality, since display data is displayed directly without the
intervention of a decoder circuit.
 The INH pin allows the display to be forced to the off state.
 RC oscillation circuit (with external resistor and capacitor)
SPQFP48 7x7 / SQFP48


Similar Part No. - LC75836WS-T-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75836WS-T-E ONSEMI-LC75836WS-T-E Datasheet
144Kb / 18P
   General-Purpose LCD Driver
June 2015 - Rev. 0
More results

Similar Description - LC75836WS-T-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com