Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75832E-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC75832E-E
Description  Duty Drive General-Purpose LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75832E-E Datasheet(HTML) 1 Page - ON Semiconductor

  LC75832E-E Datasheet HTML 1Page - ON Semiconductor LC75832E-E Datasheet HTML 2Page - ON Semiconductor LC75832E-E Datasheet HTML 3Page - ON Semiconductor LC75832E-E Datasheet HTML 4Page - ON Semiconductor LC75832E-E Datasheet HTML 5Page - ON Semiconductor LC75832E-E Datasheet HTML 6Page - ON Semiconductor LC75832E-E Datasheet HTML 7Page - ON Semiconductor LC75832E-E Datasheet HTML 8Page - ON Semiconductor LC75832E-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
June 2017 - Rev. 1
LC75832E_W/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 24 of this data sheet.
* Computer Control Bus (CCB) is an ON Semiconductor’s original bus format and
the bus addresses are controlled by ON Semiconductor.
LC75832E, LC75832W
Static Drive, 1/2-Duty Drive
General-Purpose LCD Driver
Overview
The LC75832E and 75832W are static drive or 1/2-duty drive,
microcontroller-controlled general-purpose LCD drivers that can be used
in applications such as frequency display in products with electronic tuning.
In addition to being capable to drive up to 108 segments directly, they can
control up to 4 general-purpose output ports. Since the LC75832E and
LC75832W use separate power supply systems for the LCD drive block
and the logic block, the LCD driver block power-supply voltage can be set
to any voltage in the range 2.7 to 6.0 volts, regardless of the logic block
power-supply voltage.
Features
 Serial data control of switching between static drive mode and 1/2 duty
drive mode.
 Up to 54 segments can be displayed in static drive (1/1 duty) mode and up
to 108 segments can be displayed in 1/2 duty drive mode.
 Serial data input supports CCB* format communication with the system
controller.
 Serial data control of the power-saving mode based backup function and the
all segments forced off function.
 Serial data control of switching between the segment output port and
general-purpose output port functions (up to 4 general-purpose output
ports).
 Serial data control of the frame frequency of the common and segment
output waveforms.
 Either RC oscillator operating or external clock operating mode can be
selected with the serial control data.
 High generality, since display data is displayed directly without the
intervention of a decoder circuit.
 Independent VLCD for the LCD driver block
(VLCD can be set to any voltage in the range of 2.7 to 6.0 volts.)
regardless of the logic block supply-voltage.
 The INH pin allows the display to be forced to the off state.
 Allows compatible operation with the LC75822 (822 mode transfer
function).
PQFP64 14x14 / QIP64E
[LC75832E]
SPQFP64 10x10 / SQFP64
[LC75832W]


Similar Part No. - LC75832E-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
More results

Similar Description - LC75832E-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
   Duty Drive General-Purpose LCD Display Driver
July, 2013
LC75890W ONSEMI-LC75890W_17 Datasheet
293Kb / 29P
   Duty and Static Drive General-Purpose LCD Driver
July 2017 - Rev. 2
LC75841PE ONSEMI-LC75841PE Datasheet
257Kb / 19P
   Static Drive, 1/2-Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com