Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75812PT Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC75812PT
Description  Duty Dot Matrix LCD Controller / Driver
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75812PT Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC75812PT Datasheet HTML 5Page - ON Semiconductor LC75812PT Datasheet HTML 6Page - ON Semiconductor LC75812PT Datasheet HTML 7Page - ON Semiconductor LC75812PT Datasheet HTML 8Page - ON Semiconductor LC75812PT Datasheet HTML 9Page - ON Semiconductor LC75812PT Datasheet HTML 10Page - ON Semiconductor LC75812PT Datasheet HTML 11Page - ON Semiconductor LC75812PT Datasheet HTML 12Page - ON Semiconductor LC75812PT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
LC75812PT
www.onsemi.com
9
Pin Functions
Pin
Pin No.
Function
Active
I/O
Handling
when unused
S1 to S64
S65/COM9
1 to 64
65
Segment driver outputs.
S65/COM9 can be used as common driver output pin under the
"set display technique" instruction.
-
O
OPEN
COM1 to COM8
73 to 66
Common driver outputs.
-
O
OPEN
KS1/P1
KS2/P2
KS3 to KS6
KS7/P3
74
75
76 to 79
85
Key scan outputs. Although normal key scan timing lines require
diodes to be inserted in the timing lines to prevent shorts, since
these outputs are unbalanced CMOS transistor outputs, these
outputs will not be damaged by shorting when these outputs are
used to form a key matrix.
KS1/P1, KS2/P2, and KS7/P3 can be used as general-purpose
output ports under the "set key scan output port/general-purpose
output port state" instruction.
-
O
OPEN
KI1 to KI5
80 to 84
Key scan inputs.
These pins have built-in pull-down resistors.
H
I
GND
OSC
95
Oscillator connections. An oscillator circuit is formed by
connecting an external resistor and capacitor to this pin.
This pin can also be used as the external clock input pin with the
"set display technique" instruction.
-
I/O
VDD
CE
98
Serial data interface connections to the controller. Note that DO,
being an open-drain output, requires a pull-up resistor.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
DO: Output data
H
I
GND
CL
99
I
DI
100
-
I
DO
97
-
O
OPEN
INH
96
Input that turns the display off, disables key scanning, and
forces the general-purpose output ports low.
When INH is low (VSS):
Display off
S1 to S64=”L” (VLCD4)
S65/COM9=”L” (VLCD4)
COM1 to COM8=”L” (VLCD4)
General-purpose output ports P1 to P3=low (VSS)
Key scanning disabled: KS1 to KS7=low (VSS)
All the key data is reset to low.
When INH is high (VDD):
Display on
The state of the pins as key scan output pins or
general-purpose output ports can be set with the
"set key scan output port/general-purpose output
port state" instruction.
Key scanning is enabled.
However, serial data can be transferred when the INH pin is low.
L
I
VDD
TEST
94
This pin must be connected to ground.
-
I
-
VLCD0
88
LCD drive 4/4 bias voltage (high level) supply pin. The level on this
pin can be changed by the display contrast adjustment circuit.
However, (VLCD0 - VLCD4) must be greater than or equal to 4.5V.
Also, external power must not be applied to this pin since the pin
circuit includes the display contrast adjustment circuit.
-
O
OPEN
VLCD1
89
LCD drive 3/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 3/4 (VLCD - VLCD4) voltage level externally.
-
I
OPEN
VLCD2
90
LCD drive 2/4 bias voltage (middle level) supply pin. This pin can
be used to supply the 2/4 (VLCD0 - VLCD4) voltage level
externally.
-
I
OPEN
Continued on next page.


Similar Part No. - LC75812PT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

Similar Description - LC75812PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC450210PCH ONSEMI-LC450210PCH_17 Datasheet
449Kb / 53P
   Duty Dot Matrix LCD Controller Driver
August 2017 - Rev. 2
LC75818PT ONSEMI-LC75818PT_17 Datasheet
464Kb / 44P
   Duty Dot Matrix LCD Controller & Driver
June 2017 - Rev. 1
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com