Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75806PT Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC75806PT
Description  Duty LCD Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75806PT Datasheet(HTML) 1 Page - ON Semiconductor

  LC75806PT Datasheet HTML 1Page - ON Semiconductor LC75806PT Datasheet HTML 2Page - ON Semiconductor LC75806PT Datasheet HTML 3Page - ON Semiconductor LC75806PT Datasheet HTML 4Page - ON Semiconductor LC75806PT Datasheet HTML 5Page - ON Semiconductor LC75806PT Datasheet HTML 6Page - ON Semiconductor LC75806PT Datasheet HTML 7Page - ON Semiconductor LC75806PT Datasheet HTML 8Page - ON Semiconductor LC75806PT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
June 2017 - Rev. 1
LC75806PT/D
www.onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 36 of this data sheet.
* Computer Control Bus (CCB) is an ON Semiconductor’s original bus format and
the bus addresses are controlled by ON Semiconductor.
LC75806PT
1/4 and 1/3-Duty LCD Driver
with Key Input Function
Overview
The LC75806PT is 1/4 duty and 1/3 duty LCD display driver that can
directly drive up to 304 segments and can control up to 9 general-purpose
output ports. This product also incorporates a key scan circuit that accepts
input from up to 30 keys to reduce printed circuit board wiring.
Features
 Key input function for up to 30 keys
(A key scan is performed only when a key is pressed)
 1/4 duty 1/3 bias and 1/3 duty 1/3 bias drive schemes can be controlled
from serial data.
 Capable of driving up to 304 segments using 1/4 duty and up to 231
segments using 1/3 duty.
 Switching between key scan output and segment output can be controlled
from serial data.
 The key scan operation enabled/disabled state can be controlled from serial
data.
 Switching between segment output port and general-purpose output port
can be controlled from serial data.
 Switching between general-purpose output port, clock output port, and
segment output port can be controlled from serial data.
(Up to 9 general-purpose output ports and up to one clock output port)
 Serial data I/O supports CCB* format communication with the system
controller. (Support 3.3 V and 5 V operation)
 Sleep mode and all segments off functions that are controlled from serial
data.
 The frame frequency of the common and segment output waveforms can be
controlled from serial data.
 Switching between RC oscillator operating mode and external clock
operationg mode can be controlled from serial data.
 Direct display of display data without the use of a decoder provides high
generality.
 Built-in display contrast adjustment circuit.
 Provision of an on-chip voltage-detection type reset circuit prevents
incorrect displays.
 RES pin provided for forcibly initializing the IC internal circuits.
TQFP100 14x14 / TQFP100


Similar Part No. - LC75806PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75806PT ONSEMI-LC75806PT Datasheet
424Kb / 35P
   1/4 and 1/3-Duty LCD Display Driver
July, 2013
More results

Similar Description - LC75806PT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75886PW ONSEMI-LC75886PW_17 Datasheet
495Kb / 36P
   Duty LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
logo
Rohm
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
logo
Rohm
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com