Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6406 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX6406
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6406 Datasheet(HTML) 6 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuit to initiate a reset. A logic low on MR asserts
OUT/OUT. OUT/OUT remains asserted while MR is low.
This input has an internal 50k
Ω pullup resistor, so it can
be left open if it is not used. MR can be driven with TTL
or CMOS logic levels, or with open-drain/collector out-
puts. Connect a normally open momentary switch from
MR to GND to create a manual reset function. If MR is
driven from long cables or if the device is used in a
noisy environment, connect a 0.1µF capacitor from MR
to ground to provide additional noise immunity.
Applications Information
Interfacing to Different Logic
Voltage Components
The MAX6408/MAX6411 have an active-low, open-
drain output. This output structure will sink current
when OUT is asserted. Connect a pullup resistor from
OUT to any supply voltage up to 5.5V (Figure 1). Select
a resistor value large enough to allow a valid logic low
(see Electrical Characteristics), and small enough to
register a logic high while supplying all input currents
and leakage paths connected to the OUT line.
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
6
_______________________________________________________________________________________
PART
TOP MARK
PART
TOP MARK
PART
TOP MARK
MAX6406BS31-T
AEF
MAX6407BS31-T
AEP
MAX6408BS31-T
AEZ
MAX6406BS30-T
AEE
MAX6407BS30-T
AEO
MAX6408BS30-T
AEY
MAX6406BS29-T
AED
MAX6407BS29-T
AEN
MAX6408BS29-T
AEX
MAX6406BS28-T
AEC
MAX6407BS28-T
AEM
MAX6408BS28-T
AEW
MAX6406BS27-T
AEB
MAX6407BS27-T
AEL
MAX6408BS27-T
AEV
MAX6406BS26-T
AEA
MAX6407BS26-T
AEK
MAX6408BS26-T
AEU
MAX6406BS25-T
ADZ
MAX6407BS25-T
AEJ
MAX6408BS25-T
AET
MAX6406BS24-T
ADY
MAX6407BS24-T
AEI
MAX6408BS24-T
AES
MAX6406BS23-T
ADX
MAX6407BS23-T
AEH
MAX6408BS23-T
AER
MAX6406BS22-T
ADW
MAX6407BS22-T
AEG
MAX6408BS22-T
AEQ
Table 2. Device Marking Codes
PART
TOP MARK
PART
TOP MARK
PART
TOP MARK
MAX6409BS46-T
AFN
MAX6410BS46-T
AAX
MAX6411BS46-T
ABL
MAX6409BS45-T
AFM
MAX6410BS45-T
AAW
MAX6411BS45-T
ABK
MAX6409BS44-T
AFL
MAX6410BS44-T
AAV
MAX6411BS44-T
ABJ
MAX6409BS43-T
AFK
MAX6410BS43-T
AAU
MAX6411BS43-T
ABI
MAX6409BS42-T
AFJ
MAX6410BS42-T
AAT
MAX6411BS42-T
ABH
MAX6409BS41-T
AFI
MAX6410BS41-T
AAS
MAX6411BS41-T
ABG
MAX6409BS40-T
AFH
MAX6410BS40-T
AAR
MAX6411BS40-T
ABF
MAX6409BS39-T
AFG
MAX6410BS39-T
AAQ
MAX6411BS39-T
ABE
MAX6409BS38-T
AFF
MAX6410BS38-T
AAP
MAX6411BS38-T
ABD
MAX6409BS37-T
AFE
MAX6410BS37-T
AAO
MAX6411BS37-T
ABC
MAX6409BS36-T
AFD
MAX6410BS36-T
AAN
MAX6411BS36-T
ABB
MAX6409BS35-T
AFC
MAX6410BS35-T
AAM
MAX6411BS35-T
ABA
MAX6409BS34-T
AFB
MAX6410BS34-T
AAL
MAX6411BS34-T
AAZ
MAX6409BS33-T
AFA
MAX6410BS33-T
AAK
MAX6411BS33-T
AAY


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn