Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6406 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX6406
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6406 Datasheet(HTML) 4 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
4
_______________________________________________________________________________________
PIN
MAX6406/MAX6408
MAX6409/MAX6411
MAX6407/MAX6410
NAME
FUNCTION
A1
A1
GND
Ground
B1
OUT
Active-Low Output.
OUT remains low while VCC is below the threshold.
OUT is open-drain on the MAX6408/MAX6411 and push-pull on the
MAX6406/MAX6409.
B1
OUT
Active-High Output. OUT remains high while VCC is below the
threshold.
B2
B2
MR
Active-Low Manual Reset. Internal 50k
Ω pullup to VCC. Pull low to
assert the output. OUT remains asserted as long as
MR is low. Leave
unconnected or connect to VCC if unused.
A2
A2
VCC
Supply Voltage and Input for the Voltage Detector.
Pin Description
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
40
20
60
120
100
80
140
-40
-20
0
20
40
60
80
PROPAGATION DELAY (VCC RISING)
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 20mV
VOD = 100mV
VOD = 10mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE
0
1
1000
100
10
MAXIMUM TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE
500
200
100
400
300
THRESHOLD OVERDRIVE VTH - VCC (mV)
OUT/OUT IS ASSERTED ABOVE LINE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn