Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6406 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MAX6406
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6406 Datasheet(HTML) 3 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
_______________________________________________________________________________________
3
Note 1: Production testing done at +25°C only. Overtemperature limits are guaranteed by design and not production tested.
Note 2: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISOURCE = 500µA, VCC
≥ 2.1V, OUT
asserted
0.8 x VCC
VOH
ISOURCE = 50µA, VCC
≥ 1.2V, OUT
asserted
0.8 x VCC
ISINK = 1.2mA, VCC
≥ 3.2V, OUT not
asserted, MAX6407 only
0.3
ISINK = 3.2mA, VCC
≥ 4.5V, OUT not
asserted, VTH
≤ 4.38V
0.4
OUT Output Voltage
(MAX6407/MAX6410)
VOL
ISINK = 3.2mA, VCC = VTH (max),
VTH
≥ 4.5V, OUT not asserted
0.4
V
Open-Drain
OUT Output
Leakage Current (Note 2)
OUT not asserted
0.1
µA
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.3
0.2
0.1
0.5
0.4
0.9
0.8
0.7
0.6
1.0
-40
-20
0
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 3.3V
VCC = 5V
VCC = 1.2V
0
50
100
200
150
250
-40
-20
0
20
40
60
80
PROPAGATION DELAY (VCC FALLING)
vs. TEMPERATURE
TEMPERATURE (
°C)
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
VOD = OVERDRIVE VOLTAGE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn