Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6406 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6406
Description  Voltage Detectors in 4-Bump (2 X 2) Chip-Scale Package
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6406 Datasheet(HTML) 2 Page - Maxim Integrated Products

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Voltage Detectors in 4-Bump (2 X 2)
Chip-Scale Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All voltages measured to GND unless otherwise noted.
VCC ..........................................................................-0.3V to +6V
OUT/OUT ...................................................-0.3V to (VCC + 0.3V)
OUT (open-drain) .....................................................-0.3V to +6V
MR ..............................................................-0.3V to (VCC + 0.3V)
Input/Output Current into Any Pin .......................................20mA
Continuous Power Dissipation (TA = +70°C)
4-Pin/Bump UCSP (derate 3.8mW/°C above +70°C)....303mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-65°C to +160°C
Bump Reflow Temperature .............................................+235°C
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3V and TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
Supply Voltage Range
VCC
TA = -40°C to +85°C
1.2
5.5
V
MAX6406/MAX6407/MAX6408
VCC = 3.0V for VTH
≤ 2.93V,
VCC = 3.2V for VTH > 2.93V, no load
0.5
1.0
Supply Current
ICC
VCC = 5.5V, no load
1.0
1.75
µA
TA = +25°CVTH - 1.5% VTH VTH + 1.5%
Detector Threshold
VTH
Table 1
TA = -40°C to +85°CVTH - 2.5% VTH VTH + 2.5%
V
MAX6406/MAX6407/MAX6408
6.3
Voltage Threshold Hysteresis
MAX6409/MAX6410/MAX6411
9.5
mV
Detector Threshold Tempco
∆VTH/°C
40
ppm/°C
VIL
0.8
VIH
VTH > 4.0V
2.0
VIL
0.2 x VCC
MR Input
VIH
VTH
≤ 4.0V
0.7 x VCC
V
MR Minimum Input Pulse Width
tMD
1µs
MR Glitch Rejection
100
ns
MR to OUT/OUT Delay
200
ns
MR Pullup Resistance
25
50
75
k
VCC = (VTH + 100mV) to (VTH - 100mV)
20
Propagation Delay
VCC = (VTH - 100mV) to (VTH + 100mV)
42
µs
Startup Time
VCC = 0 to VTH (min)
88
µs
ISINK = 1.6mA, VCC
≥ 2.1V, OUT asserted
0.3
OUT Output Voltage Low
(MAX6406/MAX6408/MAX6409/
MAX6411)
VOL
ISINK = 100µA, VCC
≥ 1.2V, OUT asserted
0.4
V
ISOURCE = 500µA, VCC = 3.2V, MAX6406,
OUT not asserted
0.8 x VCC
ISOURCE = 800µA, VCC = 4.5V,
VTH
≤ 4.38V, OUT not asserted
0.8 x VCC
OUT Output Voltage High
(MAX6406/MAX6409)
VOH
ISOURCE = 800µA, VCC = VTH (max),
VTH
≥ 4.5V, OUT not asserted
0.8 x VCC
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn